Electronic Components Datasheet Search
  English  ▼

X  

RO58 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # RO58
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RO58 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button RO58 Datasheet HTML 21Page - Infineon Technologies AG RO58 Datasheet HTML 22Page - Infineon Technologies AG RO58 Datasheet HTML 23Page - Infineon Technologies AG RO58 Datasheet HTML 24Page - Infineon Technologies AG RO58 Datasheet HTML 25Page - Infineon Technologies AG RO58 Datasheet HTML 26Page - Infineon Technologies AG RO58 Datasheet HTML 27Page - Infineon Technologies AG RO58 Datasheet HTML 28Page - Infineon Technologies AG RO58 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
User Manual
25 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-CM615PN
Figure 23 Current feedback configuration in MCEWizard for EVAL-M3-102T and EVAL-M3-CM615PN
5.2.3
Inverter Overcurrent protection and Motor Gatekill configuration
Figure 24 displays the overcurrent protection circuitry. The current sensing signal I_Shunt is connected to ITRIP
via the resistor R32, and ITRIP is filtered through capacitor C21.
Figure 24 Overcurrent protection circuit on the Eval-M3-CM615PN evaluation board
The typical value of ITRIP positive going threshold VIT,TH+is 470mV. So the inverter output peak current is about
15.67A.
= , =47030 =15.67
If the motor peak current larger than the setting value Itrip for more than ITRIP Input filter time, VFO will be
trigger low which is mean that the signal Gatekill is active. For iMOTION™ IMC1xx control IC, there are three
types of Gatekill Input Source (as shown in Figure 25). For Gatekill Input Source configured Gatekill-Pin or Both,
iMOTION™ control IC will stop the Motor when the signal GateKill is active.
But please note that, if select comparator for Gatekill Input Source, the external Gatekill signal will be not used.
And the current sensing signal I_Shunt will be compared by the internal comparator with the “Gatekill
Comparator Reference” value set in MCEWizard only.
ITRIP
I_Shunt
R33
DNI
R32
100R
C21
223
R34
DNI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com