Electronic Components Datasheet Search
  English  ▼

X  

RO58 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # RO58
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RO58 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button RO58 Datasheet HTML 5Page - Infineon Technologies AG RO58 Datasheet HTML 6Page - Infineon Technologies AG RO58 Datasheet HTML 7Page - Infineon Technologies AG RO58 Datasheet HTML 8Page - Infineon Technologies AG RO58 Datasheet HTML 9Page - Infineon Technologies AG RO58 Datasheet HTML 10Page - Infineon Technologies AG RO58 Datasheet HTML 11Page - Infineon Technologies AG RO58 Datasheet HTML 12Page - Infineon Technologies AG RO58 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
User Manual
9 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
EVAL-M3-CM615PN main features
Figure 3
Functional groups of the Eval-M3-CM615PN evaluation board’s bottom side
3.2
Pin assignment
General information about the connectors of the Eval-M3-CM615PN evaluation board is reported. Table 3
includes the details of the AC input connector J1.
Table 3
J1- AC Line connector
S. No.
Pin
Details
1
Neutral
AC neutral input
2
Earth
Earth ground
3
Line
AC line input
Table 4 denotes the details of the PFC inductor connector J2.
Table 4
J2- DC link connector
S. No.
Pin
Details
1
L+
Connected to one side of PFC inductor
2
L-
Connected to the other side of PFC inductor
Table 5 provides the details of the motor side connector J4.
Table 5
J4- Motor side connector
9
10
9. CIPOS™ mini IPM U4
10. Rectifier bridge U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com