Electronic Components Datasheet Search
  English  ▼

X  

RO58 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # RO58
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RO58 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button RO58 Datasheet HTML 15Page - Infineon Technologies AG RO58 Datasheet HTML 16Page - Infineon Technologies AG RO58 Datasheet HTML 17Page - Infineon Technologies AG RO58 Datasheet HTML 18Page - Infineon Technologies AG RO58 Datasheet HTML 19Page - Infineon Technologies AG RO58 Datasheet HTML 20Page - Infineon Technologies AG RO58 Datasheet HTML 21Page - Infineon Technologies AG RO58 Datasheet HTML 22Page - Infineon Technologies AG RO58 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
User Manual
19 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-CM615PN
5.1.2
Hardware Modification for AC Voltage sensing to work with IRMCF188
As mentioned in the previous setion, AC voltage sensing is in the front of rectifier bridge U1 by default for this
power board EVAL-M3-CM615PN as shown in Figure 10. But for control board EVAL-M3-188 with controller IC
IRMCF188, AC Voltage sensing should be behind the rectifier bridge U1. To work with control board EVAL-M3-
188 or IRMCF188, power board EVAL-M3-CM615PN should be modified by assembling 1MΩ AC Voltage sensing
resistors R4 and R14 and removing the resistors R1 and R10.
5.1.3
PFC External Current feedback configuration and calculation
The PFC shunt resistor RS1 is 30mΩ for EVAL-M3-CM615PN. But for control board EVAL-M3-102T, the current
input value is product of the shunt resistance in milliohms and gain of External current sense amplifier as
shown in Figure 14.
Figure 14 PFC Current shunt feedback and sample timing
Figure 15 depicts IPFC- current feedback sensing circuity on EVAL-M3-102T evaluation board. Please note that
the default external amplification gain is less than 1 for current sense in this evaluation board.
Figure 15 The PFC Current feedback circuit for EVAL-M3-102T evaluation board
Based on the principle of Kirchhoff's voltage law,
≈ ≈( + ∗ )∗ + − ∗ = + − + ∗
= + =1213
R7
1Kohm 1/10W 1%
R6
12Kohm 1/10W 1%
C15
220pF 10V
3.3V
IPFC-
R25
1Kohm 1/10W 1%
IPFC0
iMOTION
Controller
12
Rsh
Ish
Current shunt resistor
on power board
V3
V4
IPFC-
IPFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com