Electronic Components Datasheet Search
  English  ▼

X  

RO58 Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # RO58
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RO58 Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button RO58 Datasheet HTML 32Page - Infineon Technologies AG RO58 Datasheet HTML 33Page - Infineon Technologies AG RO58 Datasheet HTML 34Page - Infineon Technologies AG RO58 Datasheet HTML 35Page - Infineon Technologies AG RO58 Datasheet HTML 36Page - Infineon Technologies AG RO58 Datasheet HTML 37Page - Infineon Technologies AG RO58 Datasheet HTML 38Page - Infineon Technologies AG RO58 Datasheet HTML 39Page - Infineon Technologies AG RO58 Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
User Manual
36 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Bill of material
6
Bill of material
Table 9 provides the complete bill of materials for the Eval-M3-CM615PN.
Table 9
Bill of materials
No. Qty
Part description
Designator Part number
Manufacturer
1
1
CAP FILM 1μF 5% 630VDC RADIAL
C1
ECW-F6105JL
Panasonic Electronic
2
2
CAP CER 10μF 25V X5R 0805
C2, C9
C2012X5R1E106M12
5AB
TDK Corporation
3
1
CAP CER 4.7μF 10V X7R 0805
C3
885012207025
Wurth Electronics Inc.
4
2
CAP CER 10μF 10V X5R 0603
C4, C32
CC0603KRX5R6BB10
6
Yageo
5
1
CAP CER 10μF 25V X5R 0603
C5
C1608X5R1E106M08
0AC
TDK Corporation
6
3
CAP CER 1000pF 10V X7R 0603
C6, C7, C39 885012206008
Wurth Electronics Inc.
7
1
CAP CER 2200pF 10V X7R 0603
C8
885012206010
Wurth Electronics Inc.
8
1
CAP CER 0.1μF 25V X7R 0603
C11
885012206071
Wurth Electronics Inc.
9
3
CAP CER 22μF 25V X5R 1206
C12, C14,
C16
C3216X5R1E226M16
0AB
TDK Corporation
10
2
CAP CER 0.1μF 25V X7R 0603
C13, C15
885012206071
Wurth Electronics Inc.
11
2
CAP CER 0.1μF 630V X7R 1812
C17, C20
885342211006
Wurth Electronics Inc.
12
1
CAP ALUM 100μF 25V RADIAL
C18
UTT1E101MPD1TD
Nichicon
13
1
CAP CER 0.1μF 25V X7R 0805
C19
885012207072
Wurth Electronics Inc.
14
1
CAP CER 0.022μF 10V X7R 0603
C21
885012206016
Wurth Electronics Inc.
15
1
CAP CER 4700pF 10V X7R 0603
C22
885012206012
Wurth Electronics Inc.
16
1
CAP CER 1μF 10V X7R 0603
C23
885012206026
Wurth Electronics Inc.
17
3
CAP CER 10μF 25V X5R 0805
C24, C29,
C31
C2012X5R1E106M12
5AB
TDK Corporation
18
1
CAP CER 0.1μF 25V X7R 0805
C25
885012207072
Wurth Electronics Inc.
19
1
CAP CER 0.1μF 630V X7R 1812
C26
885342211006
Wurth Electronics Inc.
20
1
CAP CER 0.22μF 25V X7R 0805
C27
885012207074
Wurth Electronics Inc.
21
1
CAP ALUM 220μF 35V RADIAL
C28
35ZLS220MEFC8X11.
5
Rubycon
22
1
CAP ALUM 470μF 16V RADIAL
C30
16ZLH470MEFC8X11
.5
Rubycon
23
6
CAP CER 1000pF 10V X7R 0603
C33, C34,
C35, C36,
C37, C38
885012206008
Wurth Electronics Inc.
24
2
CAP FILM 0.47μF 10% 275VAC
RADIAL
CX1, CX2
MKP275VAC474PF
JIMSON
25
2
CAP CER 3300pF 440VAC Y5U
RADIAL
CY1, CY2
ECK-ATS332ME
Panasonic Electronic
Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com