Electronic Components Datasheet Search
  English  ▼

X  

RO58 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # RO58
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RO58 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button RO58 Datasheet HTML 14Page - Infineon Technologies AG RO58 Datasheet HTML 15Page - Infineon Technologies AG RO58 Datasheet HTML 16Page - Infineon Technologies AG RO58 Datasheet HTML 17Page - Infineon Technologies AG RO58 Datasheet HTML 18Page - Infineon Technologies AG RO58 Datasheet HTML 19Page - Infineon Technologies AG RO58 Datasheet HTML 20Page - Infineon Technologies AG RO58 Datasheet HTML 21Page - Infineon Technologies AG RO58 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
User Manual
18 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-CM615PN
There are two AC voltage sensing modes in MCEWizard, differential mode and single-ended as shown in Figure
12. Please select differential mode for the combination between EVAL-M3-CM615PN and EVAL-M3-102T.
Figure 12 Vac Sensing Method configuration for EVAL-M3-102T and EVAL-M3-CM615PN
The high side resistors R1 and R2 or R12 and R14 for the AC voltage sensing resistor divider on the power board
EVAL-M3-CM615PN is 2000kΩ, and should be configured in MCEWizard as shown in Figure 13. For the low side
resistor value, please refer to the User Manual of the corresponding control board.
Figure 13 AC Voltage sensing configuration in MCEWizard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com