Electronic Components Datasheet Search
  English  ▼

X  

RO58 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # RO58
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RO58 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button RO58 Datasheet HTML 10Page - Infineon Technologies AG RO58 Datasheet HTML 11Page - Infineon Technologies AG RO58 Datasheet HTML 12Page - Infineon Technologies AG RO58 Datasheet HTML 13Page - Infineon Technologies AG RO58 Datasheet HTML 14Page - Infineon Technologies AG RO58 Datasheet HTML 15Page - Infineon Technologies AG RO58 Datasheet HTML 16Page - Infineon Technologies AG RO58 Datasheet HTML 17Page - Infineon Technologies AG RO58 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
User Manual
14 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Getting Started with EVAL-M3-CM615PN
Table 7
MCEWizard setup overview table
Page
Parameter
Value
Comment
Welcome Page Power Board selecting
MADK power board name
If no, select similar
power board to modify
Options Page Motor 1 Shunt Configuration
30mΩ
Question 3
Controller Supply Voltage
Refer to control board user manual
Question 19
Max DC Bus Voltage
420V
Question 23
DC Bus Sensing High Resistor 2MΩ
Question 24
DC Bus Sensing Low Resistor
Refer to control board user manual 13.3kΩ by default
Question 54
NTC Temperature Shutdown
value
Calculated as the Section 5.3.3
Refer to the control
board user manual
Question 63
GateSense Low-Side Devices
High is true
Question 64
GateSense High-Side Devices High is true
Question 69
Motor 1 Current Input
Calculated as the Section 5.2.2
Question 83
PFC Topology
Boost PFC
Question 85
PFC Current Input
Calculated as the Section 5.1.3
Question 90
AC Voltage Sensing High
Resistor
2000kΩ
Question 91
AC Voltage Sensing low
Resistor
Refer to control board user manual 15kΩ by default for
EVAL-M3-102T
Question 92
PFC Gate Driver Polarity High
Side
High is active
no high side, just
compatibility
Question 93
PFC Gate Driver Polarity Low
Side
High is active
After all the MCEWizard questions are answered, the “Verify & Save Page” will be shown as in Figure 6
Figure 6
Verify and Save page for MCEWizard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com