Electronic Components Datasheet Search
  English  ▼

X  

RO58 Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # RO58
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RO58 Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button RO58 Datasheet HTML 33Page - Infineon Technologies AG RO58 Datasheet HTML 34Page - Infineon Technologies AG RO58 Datasheet HTML 35Page - Infineon Technologies AG RO58 Datasheet HTML 36Page - Infineon Technologies AG RO58 Datasheet HTML 37Page - Infineon Technologies AG RO58 Datasheet HTML 38Page - Infineon Technologies AG RO58 Datasheet HTML 39Page - Infineon Technologies AG RO58 Datasheet HTML 40Page - Infineon Technologies AG RO58 Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
User Manual
37 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Bill of material
No. Qty
Part description
Designator Part number
Manufacturer
26
1
Diode GEN PURP 100V 300mA
SOD123
D1
1N4148W-7-F
Diodes Incorporated
27
1
Diode GEN PURP 100V 300mA
SOD123
D2
1N4148W-7-F
Diodes Incorporated
28
3
Diode Standard 600V 1A Surface
Mount SMA
D3, D4, D5
US1J-13-F
Diodes Incorporated
29
2
CAP ALUM 330μF 20% 450V SNAP
E1, E2
EET-UQ2W331EA
Panasonic Electronic
30
1
FUSE CERAMIC 10A 250V Φ6X30
F1
RO58 /BS1362-10A
Zhenghao Fuse Co.
31
2
CONN TERM BLOCK 3POS 9.52MM
PCB
J1, J4
1714984
Phoenix Contact
32
1
CONN TERM BLOCK 2POS 9.52MM
PCB
J2
1714971
Phoenix Contact
33
1
HEADER 20POS SCKT R/A DL 2.54
MM & HEADER 10POS SCKT R/A DL
2.54 MM
J3
613020243121 &
613010243121
Wurth Electronics Inc.
34
1
CONN RCPT .100" 10 PS DL R/A
GOLD
L1
JWMILLER_8108
Bourns Inc.
35
1
FIXED IND 2.2mH THROUGH HOLE
L2
RLB0914-222KL
Bourns Inc.
36
1
LED GREEN CLEAR 0805 SMD
LED1
150080GS75000
Wurth Electronics Inc.
37
1
LED RED CLEAR 0805 SMD
LED2
150080RS75000
Wurth Electronics Inc.
38
1
TRANS NPN 100V 1A SOT23-3
Q1
FMMT493TA
Diodes Incorporated
39
4
RES SMD 1MΩ 1% 1/8W 0805
R1, R2,
R10, R12
RC0805FR-071ML
Yageo
40
1
RES SMD 1MΩ 5% 3/4W 2010
R5
RC2010JK-071ML
Yageo
41
1
RES SMD 91 Ω 5% 1/8W 0805
R6
RC0805JR-0791RL
Yageo
42
1
RES SMD 3.3kΩ 5% 1/8W 0805
R7
RC0805JR-073K3L
Yageo
43
2
RES SMD 0 Ω JUMPER 1/10W 0603
R8, R9
RC0603FR-070RL
Yageo
44
2
RES SMD 1kΩ 1% 1/10W 0603
R11, R17
RC0603FR-071KL
Yageo
45
1
RES SMD 3.92kΩ 1% 1/10W 0603
R13
RC0603FR-073K92L
Yageo
46
2
RES SMD 10kΩ 1% 1/10W 0603
R15, R36
RC0603FR-0710KL
Yageo
47
2
RES SMD 4.7kΩ 5% 1/10W 0603
R16, R19
RC0603JR-074K7L
Yageo
48
8
RES SMD 100 Ω 5% 1/10W 0603
R18, R26,
R27, R28,
R29, R30,
R31, R32
RC0603JR-07100RL
Yageo
49
1
RES SMD 10 Ω 5% 1/10W 0603
R20
RC0603JR-0710RL
Yageo
50
1
RES SMD 47 Ω 5% 1/10W 0603
R21
RC0603JR-0747RL
Yageo
51
1
RES SMD 12kΩ 5% 1/10W 0603
R22
RC0603JR-0712KL
Yageo
52
2
RES SMD 1MΩ 1% 1/4W 1206
R23, R24
RC1206FR-071ML
Yageo
53
1
RES SMD 9.1kΩ 1% 1/10W 0603
R35
RC0603FR-079K1L
Yageo
54
1
RES SMD 15.8kΩ 1% 1/8W 0805
R38
RC0805FR-0715K8L
Yageo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com