Electronic Components Datasheet Search
  English  ▼

X  

RO58 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # RO58
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RO58 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button RO58 Datasheet HTML 3Page - Infineon Technologies AG RO58 Datasheet HTML 4Page - Infineon Technologies AG RO58 Datasheet HTML 5Page - Infineon Technologies AG RO58 Datasheet HTML 6Page - Infineon Technologies AG RO58 Datasheet HTML 7Page - Infineon Technologies AG RO58 Datasheet HTML 8Page - Infineon Technologies AG RO58 Datasheet HTML 9Page - Infineon Technologies AG RO58 Datasheet HTML 10Page - Infineon Technologies AG RO58 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
User Manual
7 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
EVAL-M3-CM615PN main features
3.1
EVAL-M3- CM615PN board specifications
Table 2 depicts the important specifications of the evaluation board Eval-M3-CM615PN.
Table 2
Eval-M3-CM615PN board specifications
Parameters
Values
Conditions / comments
Input
Voltage
165 - 265 Vrms
lower AC input, less motor power output
Input current
3.15 Arms
input 220 VAC, Ta=25C, IFCM15P60GD
Output
Power (3phases)
650 W
input 220VAC, fPWM=6 kHz, Ta=25°C,
Th=80°C
Current per leg
2.32 Arms
input 220VAC, fPWM=6 kHz, Ta=25°C,
Th=80°C
DC Bus Voltage
Maximum DC bus voltage
420 V
Minimum DC bus voltage
120 V
Switching Frequency
PFC switching frequency fPFC
60 kHz (max)
Limited by controller board (maximum
50 kHz for Eval-M3-102T)
Inverter switching frequency
fPWM
20 kHz (max)
Current feedback
PFC current sensing resistor R1 30 mΩ
Inverter current sensing resistor
RS2
30 mΩ
RS2 is the IPM inverter section’s common
emitter current sensing resistor.
Protections
PFC Gatekill protection level
15.5 Apeak
Configured by either PFC current sensing
resistor RS1, or adapting comparator
threshold divider resistor R17.
Output current trip level
1
15.7 Apeak
Configured by changing shunt resistor
RS2. ITRIP positive going threshold is
470mV.
Temperature trip level
100 °C
For controller board Eval-M3-102T
On board power supply
15 V
15 V ± 5 %, max. 50 mA
Used for CIPOS™ IPM gate driver and LDO
3.3 V
3.3 V ± 2 %, max. 20 mA
Supplying the 3.3V to the controller
board and protection circuits
PCB characteristics
Material
FR4, 1.6mm thickness, 2 layers.
35 µm copper thickness
Dimension
120 mm x 120 mm
1
For iMOTION™ IC IMC1xx, there are three types of Gatekill Input Source (Refer to section 5.2.3 or control board user manual for
detail). Please note that, if select comparator for Gatekill Input Source, the external Gatekill signal will be not used. And the signal
I_Shunt will be compared by the internal comparator with the “Gatekill Comparator Reference” value set in MCEWizard only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com