Electronic Components Datasheet Search
  English  ▼

X  

RO58 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # RO58
Description  iMOTION™ Modular Application Design Kit
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

RO58 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button RO58 Datasheet HTML 13Page - Infineon Technologies AG RO58 Datasheet HTML 14Page - Infineon Technologies AG RO58 Datasheet HTML 15Page - Infineon Technologies AG RO58 Datasheet HTML 16Page - Infineon Technologies AG RO58 Datasheet HTML 17Page - Infineon Technologies AG RO58 Datasheet HTML 18Page - Infineon Technologies AG RO58 Datasheet HTML 19Page - Infineon Technologies AG RO58 Datasheet HTML 20Page - Infineon Technologies AG RO58 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
User Manual
17 of 41
Revision 1.4
2019-10-11
EVAL-M3-CM615PN User Manual
iMOTION™ Modular Application Design Kit
Hardware description of EVAL-M3-CM615PN
5
Hardware description of EVAL-M3-CM615PN
To meet individual customer requirements and make the Eval-M3-CM615PN evaluation board a basis for
development or modification, all necessary technical data like schematics, layout and components are
included in this chapter.
5.1
Boost PFC section using CIPOS™ mini IPM
Figure 10 depicts the schematic from the AC input connector J1 to the rectified DC bus voltage DCP. This
circuitry includes a passive EMI filter consisting of elements CX1, CX2, L1, CY1 and CY2, a 25 A/600 V rectifier
bridge U1, a fuse F1 for inrush current protection, a NTC resistor RT1 and a relay RLY1 for soft powering up and
reducing conduction losses in steady state. The PFC section is implemented using the CIPOSTM mini IPM as
sketched in Figure 10. The IRS44273L is used to drive IGBT for PFC section. A PFC inductor should be connected
to J2. PFC inductor is included in this evaluation kit.
Figure 10 Schematic for EMI filter and PFC section of the Eval-M3-CM615PN evaluation board
The PFC section of CIPOS™ IPM IFCM15P60GD contains a TRENCHSTOP™ 5 IGBT and a rapid switching emitter
controlled diode. The PFC IGBT’s anti-parallel diode D3 is mandatory. For 650W power output, the inductance
of PFC inductor should be larger than 3mH. Two electrolytic capacitors E1 and E2 are used for buffering the
rectified DC bus voltage DCP.
5.1.1
AC Voltage sensing and MCEWizard configuration
AC voltage sensing is in the front of rectifier bridge U1 by default as shown in Figure 10. To dive the boost PFC
circuitry for EVAL-M3-CM615PN, the default matching MADK control board is EVAL-M3-102T. Figure 11 shows
the VAC sensing schematic of EVAL-M3-102T evaluation board.
Figure 11 The AC Voltage sensing schematic of EVAL-M3-102T
VCC
R18
100R
R21
47R
IN
1
COM
2
OUT
3
OUT
4
VCC
5
U3
IRS44273L
C9
10uF,25V
D2
R20
10R
R19
4.7k
CX1
3
1
2
4
RLY1
Q1
R5
L1
2
3
U1
GBJ2506
R6
91R
R7
3.3k
D1
CY2
CY1
RT1
VCC
1
2
3
J1
RS1
0.03,1W, 1%
R8
0R
R9
0R
R4
DNI
R2
1.00M, 1%
R14
DNI
R12
1.00M, 1%
C6
102
+3.3V
R15
10k, 1%
+3.3V
R16
4.7K
R17
1k, 1%
R11
1k, 1%
C7
102
R13
3.92k, 1%
OC set to 465mV/15.5A
R42
DNI
R3
DNI
PFCGK
VAC+
F1
10A, 250VAC
C2
10uF,25V
C3
4.7uF
C1
1uF, 630V
J2
To PFC inductor
CX2
+3.3V
C5
10uF, 25V
C4
10uF
C8
222
PFC_PWM
3
1
4
U2
LM397
VCC
VCC
C39
102
C17
0.1uF, 630V
+
E1
330μF, 450V
DCP
P
21
X
22
GX
24
CIPOS IPM
PFC section
U4A
GND
VPFC
D3
US1JDICT
R22
12k
C10
DNI
NEUTRAL
EARTH
LINE
VAC-
R1
1.00M, 1%
R10
1.00M, 1%
VAC+
VAC-
VAC1
VAC2
20
19
AC Voltage Sensing input1
AC Voltage Sensing input2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com