Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2R Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # ZSSC3123AI2R
Description  cLiteTM Capacitive Sensor Signal Conditioner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 44Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 45Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 46Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 47Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 48Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 49Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 50Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 51Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
ZSSC3123 Datasheet
Nov 19, 2021
Page 48
© 2021 Renesas Electronics
12.4 Customer Configuration Register (Cust_Config, EEPROM Word 1CHEX)
This register is loaded at power-on reset and upon exiting Command Mode after receiving a Start_NOM command.
Table 32. Cust_Config Bit Assignments
Bit Range
IC Default
Name
Description and Notes
6:0
0101000BIN
Device_ID
I2C slave address
8:7
00BIN
Alarm_Low_Cfg
Configure the Alarm_Low output pin:
Bits
Description
7
Alarm Polarity:
0 = Active High
1 = Active Low
8
Output Configuration:
0 = Full push-pull
1 = Open-drain
10:9
00BIN
Alarm_High_Cfg
Configure the Alarm_High output pin:
Bits
Description
9
Alarm Polarity:
0 = Active High
1 = Active Low
10
Output Configuration:
0 = Full push-pull
1 = Open drain
11
0BIN
SPI_Phase
The edge of SCLK that the master samples MISO on:
0 = positive edge
1 = negative edge
12
0BIN
Ready_Open_Drain
Ready pin is
0 = Full push-pull
1 = Open-drain
13
0BIN
Fast_Startup
Sets the Command Window length:
0 = 10ms Command Window
1 = 3ms Command Window
15:14
00BIN
Not Available
Do Not Change – must leave at factory settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com