Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2R Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZSSC3123AI2R
Description  cLiteTM Capacitive Sensor Signal Conditioner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 12Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 13Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 14Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 15Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 16Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 17Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 18Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 19Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
ZSSC3123 Datasheet
Nov 19, 2021
Page 16
© 2021 Renesas Electronics
9. Circuit Description
9.1
Signal Flow and Block Diagram
As seen in the following figure, the ZSSC3123 comprises three main blocks: the analog core, digital core, and output communication. The
capacitive input is first sampled by the analog core using a charge-balancing CDC and is adjusted for the appropriate capacitance range using
the CDC_Offset, CDC_Reference, and CDC_Mult settings. The digital core corrects the digital sample with an on-chip digital signal processor
(DSP), which uses coefficients stored in EEPROM for precise conditioning. An internal temperature sensor can be used to compensate for
temperature effects of the capacitive input. A temperature value can also be calibrated and output as a 14-bit reading.
The corrected capacitance value can be read using four different output types, I2C, SPI, PDM, and alarms. They can all be directly interfaced
with a microcontroller, and optional filtering of the PDM output can provide a ratiometric analog output. The alarm pins can also be used to
control a variety of analog circuitry.
ZSSC3123 cLite Capacitive Sensor Signal Conditioner
Digital Core
Analog Core
Sensor
C0
C1
(Optional)
Output
Communication
MUX
C0
CC
C1
VSS
VDD (2.3V to 5.5V)
Temp
Sensor
CLK/Reset
C/A
D
CDC
Ref
Cap
Offset
Cap
SCL/SCLK
SDA/MISO
Ready/PDM_C
Alarm_Low/PDM_T
SS
Alarm_High
Ready
PDM
I2C / SPI
Low Alarm
High Alarm
EEPROM
ROM
DSP
0.1µF
0.1µF
Vcore
Figure 9. ZSSC3123 Block Diagram
9.2
Analog Front End
9.2.1 Capacitance-to-Digital Converter
A 1st-order charge-balancing capacitance-to-digital converter (CDC) is used to convert the input capacitance to the digital domain. The CDC
uses a chopper-stabilized design to decrease any drift over temperature. The CDC interfaces to the sensor capacitor through the input
multiplexer that controls whether the measurement is a capacitance or a temperature measurement. The input multiplexer also allows for two
sensor capacitance configurations: a single-sensor capacitance or a two-sensor, ratio-based differential capacitance configuration, where the
reference capacitor is part of the sensor.
As part of a switched-capacitor network, the reference capacitor C1 is driven by a square-wave voltage of the frequency fEXC (see section 5).
The sensor capacitance C0 is not exposed to DC voltages in order to prevent the aging effects of some sensor types. The configuration of the
CDC is controlled by programming settings in EEPROM word C_Config. (See Table 30 for settings.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com