Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2R Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # ZSSC3123AI2R
Description  cLiteTM Capacitive Sensor Signal Conditioner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 45Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 46Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 47Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 48Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 49Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 50Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 51Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 52Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
ZSSC3123 Datasheet
Nov 19, 2021
Page 49
© 2021 Renesas Electronics
13. Calibration and Signal Conditioning Math
Renesas can provide software and hardware with samples to perform the calibration. For a complete description and detailed examples, see
ZSSC3122/ZSSC3123_SSC_Modular_Evaluation_Kit_Description_RevX_xy.pdf.
Note: For best results, the calibration should be done with all settings set to the final application including supply voltage, measurement mode,
update rate, output mode, resolution, and AFE settings in the final packaging.
13.1 Capacitance Signal Conditioning
The ZSSC3123 supports signal conditioning for an up to two-region piece-wise, non-linear sensor input or a third-order correction, which is
selectable. The general form of the capacitance signal conditioning equations are provided below.
Note: The following equations are only meant to show the general form and capabilities of the ZSSC3123 sensor signal conditioning.
Two-region piece-wise, non-linear sensor input:
Raw _C OFFSET
T (Tco
T SOT _ tco)
RawTC
T (Tcg
T SOT _ tcg )
  
  
  
  
1
Equation 17
Raw
MIN(RawTC,Raw _ Break )
1
Equation 18
Raw
MAX( ,RawTC Raw _ Break )

2
0
Equation 19
2
11
2
22
1
(
1
)
1
2
(
2
)
2
Out SOT _
Gain _
Raw
Gain _
Raw
SOT _
Gain _
Raw
Gain _
Raw
Equation 20
Or alternatively
Non-linear sensor input up to third-order correction:
Raw _C OFFSET
T (Tco
T SOT _ tco)
Raw
T (Tcg
T SOT _ tcg )
  
  
  
  
1
1
Equation 21
32
1
1
1
1 (
1
)
1 (
1
)
1
Out TOT _
Gain _
Raw
SOT _
Gain _
Raw
Gain _
Raw
Equation 22
Where:
Symbol
Description
Raw_C
Raw sensor reading.
RawTC
Temperature-corrected raw value.
Raw1
Raw value to be used for region 1 correction.
Raw2
Raw value used for region 2 correction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com