Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2R Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # ZSSC3123AI2R
Description  cLiteTM Capacitive Sensor Signal Conditioner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 53Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 54Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 55Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 56Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 57Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 58Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 59Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 60Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
ZSSC3123 Datasheet
Nov 19, 2021
Page 57
© 2021 Renesas Electronics
21. Glossary
Term
Description
ADC
Analog-to-Digital Converter
CDC
Capacitance-to-Digital Converter
DAC
Digital-to-Analog Converter
ECC
Error Checking and Correction
SSC
Sensor Signal Conditioner
22. Ordering Information
Note: Contact Renesas Sales for additional information and for sales and support for the ZSSC3123 Mass Calibration System
Orderable Part Number
Description and Package
MSL Rating
Carrier Type
Temperature
ZSSC3123AA1B[a]
ZSSC3123 Die: Tested dice on un-sawn wafer
Not applicable
Wafer (370µm)
-40°C to +125°C
ZSSC3123AA6B
ZSSC3123 Die: Tested dice on un-sawn wafer
Not applicable
Wafer (370µm)
-40°C to +125°C
ZSSC3123AI1B[a]
ZSSC3123 Die: Tested dice on un-sawn wafer
Not applicable
Wafer (370µm)
-40°C to +85°C
ZSSC3123AI6B
ZSSC3123 Die: Tested dice on un-sawn wafer
Not applicable
Wafer (370µm)
-40°C to +85°C
ZSSC3123AA1C[a]
ZSSC3123 Die: Tested dice on frame
Not applicable
Fame (370µm)
-40°C to +125°C
ZSSC3123AA6C
ZSSC3123 Die: Tested dice on frame
Not applicable
Fame (370µm)
-40°C to +125°C
ZSSC3123AI1C[a]
ZSSC3123 Die: Tested dice on frame
Not applicable
Frame (370µm)
-40°C to +85°C
ZSSC3123AI6C
ZSSC3123 Die: Tested dice on frame
Not applicable
Frame (370µm)
-40°C to +85°C
ZSSC3123AA8B
ZSSC3123 Die: Tested dice on un-sawn wafer
Not applicable
Wafer (725µm)
-40°C to +125°C
ZSSC3123AA2T[a]
ZSSC3123 TSSOP14 lead-free package
(4.4
 5.0 mm)
1
Tube
-40°C to +125°C
ZSSC3123AA7T
ZSSC3123 TSSOP14 lead-free package
(4.4
 5.0 mm)
1
Tube
-40°C to +125°C
ZSSC3123AA2R[a]
ZSSC3123 TSSOP14 lead-free package
(4.4
 5.0 mm)
1
Reel
-40°C to +125°C
ZSSC3123AA7R
ZSSC3123 TSSOP14 lead-free package
(4.4
 5.0 mm)
1
Reel
-40°C to +125°C
ZSSC3123AI2T[a]
ZSSC3123 TSSOP14 lead-free package
(4.4
 5.0 mm)
1
Tube
-40°C to +85°C
ZSSC3123AI7T
ZSSC3123 TSSOP14 lead-free package
(4.4
 5.0 mm)
1
Tube
-40°C to +85°C
ZSSC3123AI2R[a]
ZSSC3123 TSSOP14 lead-free package
(4.4
 5.0 mm)
1
Reel
-40°C to +85°C
ZSSC3123AI7R
ZSSC3123 TSSOP14 lead-free package
(4.4
 5.0 mm)
1
Reel
-40°C to +85°C
ZSSC312223KITV1P0
ZSSC3122-3123 SSC Evaluation Kit: Communication Board, SSC Board, Sensor Replacement Board, USB Cable,
5 IC Samples (software can be downloaded from http://www.renesas.com/ZSSC3123)
[a]Produced in wafer fab 1 location. Not recommended for new design in’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com