Electronic Components Datasheet Search
  English  ▼

X  

ZSSC3123AI2R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZSSC3123AI2R
Description  cLiteTM Capacitive Sensor Signal Conditioner
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 3Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 4Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 5Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 6Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 7Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 8Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 9Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 10Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
ZSSC3123 Datasheet
Nov 19, 2021
Page 7
© 2021 Renesas Electronics
1. Pin Assignments
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCORE
CC
Alarm_Low/PDM_T
VSS
C1
VSS
C0
VDD
Alarm_High
Ready/PDM_C
VSS
SCL/SCLK
SS
SDA/MISO
Figure 1. Pin Assignments for 4.4mm
5.0mm 14-TSSOP – Top View
2. Pin Descriptions
Table 1.
Pin Descriptions
Pin
Name
Description
Notes
1
VCORE
Core voltage
Always connect the VCORE pin to an external capacitor
to ground that is within the specifications given in
section 4 for CVCORE_SM and CVCORE_UM. This is the only
internal module pin.
For ESD details, see section 15.
2
C0
Capacitor input 0
3
VSS
Ground supply
Connecting to GND for shielding is strongly
recommended.
4
CC
Common capacitor input
5
VSS
Ground supply
Connecting to GND for shielding is strongly
recommended.
6
C1
Capacitor input 1
If not used, must be unconnected.
7
VDD
Supply voltage (1.8V to 5.5V)
2.3V to 5.5V for ZSSC3123
VDD must be connected to VSUPPLY. See section 4.
8
Alarm_Low/PDM_T
Low alarm output
Temperature PDM (see Table 20)
If not used, must be unconnected.
9
Alarm_High
High alarm output
If not used, must be unconnected.
10
Ready/PDM_C
Ready signal (conversion complete output)
Capacitance PDM (see Table 20)
If not used, must be unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com