Electronic Components Datasheet Search
  English  ▼

X  

PFP-100N Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # PFP-100N
Description  The CP1E Programmable Controller: Economical, Easy to use, and Efficient
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 2Page - Omron Electronics LLC PFP-100N Datasheet HTML 3Page - Omron Electronics LLC PFP-100N Datasheet HTML 4Page - Omron Electronics LLC PFP-100N Datasheet HTML 5Page - Omron Electronics LLC PFP-100N Datasheet HTML 6Page - Omron Electronics LLC PFP-100N Datasheet HTML 7Page - Omron Electronics LLC PFP-100N Datasheet HTML 8Page - Omron Electronics LLC PFP-100N Datasheet HTML 9Page - Omron Electronics LLC PFP-100N Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
CP1E-E
@@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@
6
Ordering Information
Applicable standards
Refer to the OMRON website (www.ia.omron.com) or ask your OMRON representative for the most recent applicable standards for each model.
●Renewal-type
■E@@S-type CP1E CPU Units (Built-in USB port)
* Product no longer available to order.
Basic Model
Product name
Specifications
External
power
supply
(24 VDC)
(A)
Current
consumption (A)
Model
Power
Supply
Inputs
Outputs
Output
type
Program
capacity
Data
memory
capacity
5 V
24 V
E
@@S-type CPU Units
with 14 I/O Points
100 to 240
VAC
8
6
Relay
2K steps
2K words
--
0.16
0.07
CP1E-E14SDR-A
*
E
@@S-type CPU Units
with 20 I/O Points
100 to 240
VAC
12
8
Relay
2K steps
2K words
--
0.17
0.08
CP1E-E20SDR-A
*
E
@@S-type CPU Units
with 30 I/O Points
100 to 240
VAC
18
12
Relay
2K steps
2K words
0.30
0.17
0.07
CP1E-E30SDR-A
*
E
@@S-type CPU Units
with 40 I/O Points
100 to 240
VAC
24
16
Relay
2K steps
2K words
0.30
0.17
0.09
CP1E-E40SDR-A
*
E
@@S-type CPU Units
with 60 I/O Points
100 to 240
VAC
36
24
Relay
2K steps
2K words
0.30
0.17
0.13
CP1E-E60SDR-A
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com