Electronic Components Datasheet Search
  English  ▼

X  

PFP-100N Datasheet(PDF) 45 Page - Omron Electronics LLC

Part # PFP-100N
Description  The CP1E Programmable Controller: Economical, Easy to use, and Efficient
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 45 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 41Page - Omron Electronics LLC PFP-100N Datasheet HTML 42Page - Omron Electronics LLC PFP-100N Datasheet HTML 43Page - Omron Electronics LLC PFP-100N Datasheet HTML 44Page - Omron Electronics LLC PFP-100N Datasheet HTML 45Page - Omron Electronics LLC PFP-100N Datasheet HTML 46Page - Omron Electronics LLC PFP-100N Datasheet HTML 47Page - Omron Electronics LLC PFP-100N Datasheet HTML 48Page - Omron Electronics LLC PFP-100N Datasheet HTML 49Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
CP1E-E
@@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@
45
Connecting Cable
Use the following cable to connect the CP1E CPU Unit to the computer running the Support Software.
USB port
RS-232C Port for N/NA
@@(S@)-type CPU Units
Note: Connectable with CX-Programmer Ver.9.1 or higher only.
* Use the USB-Serial Conversion Cable CS1W-CIF31 together to connect a PLC to a personal computer's USB port.
Port at Unit
Port at computer
Network type
(communications mode)
Model numbers
Length
Peripheral USB port
(Conforming to USB 2.0, B connector)
USB port
USB 2.0 (or 1.1)
Commercially available USB cable
(A connector - B connector)
Less than 5 m
Port at Unit
Port at computer
Communications mode
Connecting Cable
Model
Length
Remarks
RS-232C Port or
CP1W-CIF01
(Add this to the option board slot.)
RS-232C port
*
Host Link
(SYSWAY)
XW2Z-200S-CV
2m
With anti-static
connectors
XW2Z-500S-CV
5m
With anti-static
connectors
XW2Z-200S-V
2m
---
XW2Z-500S-V
5m
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com