Electronic Components Datasheet Search
  English  ▼

X  

PFP-100N Datasheet(PDF) 38 Page - Omron Electronics LLC

Part # PFP-100N
Description  The CP1E Programmable Controller: Economical, Easy to use, and Efficient
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 38 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 34Page - Omron Electronics LLC PFP-100N Datasheet HTML 35Page - Omron Electronics LLC PFP-100N Datasheet HTML 36Page - Omron Electronics LLC PFP-100N Datasheet HTML 37Page - Omron Electronics LLC PFP-100N Datasheet HTML 38Page - Omron Electronics LLC PFP-100N Datasheet HTML 39Page - Omron Electronics LLC PFP-100N Datasheet HTML 40Page - Omron Electronics LLC PFP-100N Datasheet HTML 41Page - Omron Electronics LLC PFP-100N Datasheet HTML 42Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
CP1E-E
@@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@
38
●Main Specifications
* 1 Accuracy for a K-type sensor at -100°C or less is ±4°C ±1 digit max.
* 2 Accuracy for a K-type sensor at -100°C or less is ±10°C ±1 digit max.
DIP Switch Settings
The DIP switch is used to set the temperature unit and to set the temperature input range.
Note: Set the temperature range according to the type of temperature sensor connected to the Unit. Temperature data will not be converted
correctly if the temperature range does not match the sensor.
●CompoBus/S I/O Link Unit
Item
CP1W-TS004
Temperature sensors
Thermocouples
Switchable between K and J, but same type must be used for all inputs.
Number of inputs
12 (2 input words and 1 output word allocated)
Accuracy
25
°C
(The larger of
±0.5% of converted value or ±2°C) ±1 digit max. *1
0 to 55
°C
(The larger of
±1% of converted value or ±4°C) ±1 digit max. *2
Conversion time
500 ms for 12 input points
Converted temperature data
16-bit binary data (4-digit hexadecimal)
2-decimal-place mode is not supported
Isolation
Photocouplers between any two input signals
Current consumption
5 VDC: 80 mA max., 24 VDC: 50 mA max.
SW
Setting
1
Input type
ON
J
OFF
K
2
Temperature unit
ON
°F
OFF
°C
Temperature input
Input type
Range (
°C)
Range (
°F)
K
-200.0 to 1300.0
-300 to 2300
J
-100.0 to 850.0
-100.0 to 1500
Model number
CP1W-SRT21
Master/slave
CompoBus/S Slave
Number of I/O points
8 input points, 8 output points
Number of words allocated in CPU
Unit I/O memory
1 input word, 1 output word
Node number setting
Set using the DIP switch
(Set before turning on the CPU Unit’s power supply.)
ON
1
2
OFF
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com