Electronic Components Datasheet Search
  English  ▼

X  

PFP-100N Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # PFP-100N
Description  The CP1E Programmable Controller: Economical, Easy to use, and Efficient
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 28Page - Omron Electronics LLC PFP-100N Datasheet HTML 29Page - Omron Electronics LLC PFP-100N Datasheet HTML 30Page - Omron Electronics LLC PFP-100N Datasheet HTML 31Page - Omron Electronics LLC PFP-100N Datasheet HTML 32Page - Omron Electronics LLC PFP-100N Datasheet HTML 33Page - Omron Electronics LLC PFP-100N Datasheet HTML 34Page - Omron Electronics LLC PFP-100N Datasheet HTML 35Page - Omron Electronics LLC PFP-100N Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
CP1E-E
@@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@
32
Specifications of Expansion I/O Units
●Input Specifications (CP1W-40EDR/40EDT/40EDT1/20EDR1/20EDT/20EDT1/8ED)
Note: Do not apply voltage in excess of the rated voltage to the input terminal.
* The response time is the hardware delay value. The delay set in the PLC Setup (0 to 32 ms, default: 8 ms) must be added to this value. For the
CP1W-40EDR/EDT/EDT1, a fixed value of 16 ms must be added.
●Output Specifications
Relay Outputs (CP1W-40EDR/32ER/20EDR1/16ER/8ER)
Note: 1. Estimating the Service Life of Relays
The service life of output contacts is as shown in the following diagram.
Item
Specification
Input voltage
24 VDC +10%/-15%
Input impedance
4.7 k
Ω
Input current
5 mA typical
ON voltage
14.4 VDC min.
OFF voltage
5.0 VDC max.
ON delay
1 ms max.
*
OFF delay
1 ms max.
*
Circuit configuration
Item
Specification
Max. switching capacity
2 A, 250 VAC (cos
φ = 1),
2 A, 24 VDC (4 A/common)
Min. switching capacity
5 VDC, 10 mA
Service life of
relay
(See note.)
Electrical
Resistive load
150,000 operations (24 VDC)
Inductive load
100,000 operations (240 VAC, cos
φ = 0.4)
Mechanical
20,000,000 operations
ON delay
15 ms max.
OFF delay
15 ms max.
Circuit configuration
v
IN
IN
COM
4.7 k
Ω
Input LED
Internal
circuits
COM
OUT
OUT
Output LED
Internal
circuits
Maximum
250 VAC: 2 A
24 VDC: 2 A
300
200
100
50
30
20
5
3
2
10
0.1
0.2
0.3
0.5
0.7 1
23
5
Contact current (A)
120 VAC resistive load
24 VDC
τ = 7 ms
120 VAC cos
φ = 0.4
240 VAC cos
φ = 0.4
24 VDC/240 VAC resistive load
Switching rate: 1,800 operations/hour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com