Electronic Components Datasheet Search
  English  ▼

X  

PFP-100N Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # PFP-100N
Description  The CP1E Programmable Controller: Economical, Easy to use, and Efficient
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 32Page - Omron Electronics LLC PFP-100N Datasheet HTML 33Page - Omron Electronics LLC PFP-100N Datasheet HTML 34Page - Omron Electronics LLC PFP-100N Datasheet HTML 35Page - Omron Electronics LLC PFP-100N Datasheet HTML 36Page - Omron Electronics LLC PFP-100N Datasheet HTML 37Page - Omron Electronics LLC PFP-100N Datasheet HTML 38Page - Omron Electronics LLC PFP-100N Datasheet HTML 39Page - Omron Electronics LLC PFP-100N Datasheet HTML 40Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
CP1E-E
@@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@
36
●Analog I/O Units
●Temperature Sensors Units
* Accuracy for a K-type sensor at -100°C or less is ±4°C ±1 digit max.
The rotary switch is used to set the temperature range.
Model
CP1W-MAD42/CP1W-MAD44
CP1W-MAD11
Item
Voltage I/O
Current I/O
Voltage I/O
Current I/O
Analog Input
Section
Number of inputs
4 inputs (4 words allocated)
2 inputs (2 words allocated)
Input signal range
0 to 5 VDC, 1 to 5
VDC, 0 to 10 VDC, or
–10 to 10 VDC
0 to 20 mA or 4 to 20
mA
0 to 5 VDC, 1 to 5
VDC,
0 to 10 VDC, or
−10
to 10 VDC
0 to 20 mA or 4 to 20
mA
Max. rated input
±15 V
±30 mA
±15 V
±30 mA
External input impedance
1 M
Ω min.
Approx. 250
Ω
1 M
Ω min.
Approx. 250
Ω
Resolution
1/12000 (full scale)
1/6000 (full scale)
Overall accuracy
25
°C
0.2% full scale
0.3% full scale
0.3% full scale
0.4% full scale
0 to 55
°C
0.5% full scale
0.7% full scale
0.6% full scale
0.8% full scale
A/D conversion data
16-bit binary (4-digit hexadecimal)
Full scale for –10 to 10 V: E890 to 1770 hex
Full scale for other ranges: 0000 to 2EE0 hex
16-bit binary (4-digit hexadecimal)
Full scale for
−10 to 10 V: F448 to 0BB8 hex
Full scale for other ranges: 0000 to 1770 hex
Averaging function
Supported
Supported (Settable for individual inputs via
DIP switch)
Open-circuit detection function
Supported
Analog Output
Section
Number of outputs
CP1W-MAD42: 2 outputs (2 words allocated)
CP1W-MAD44: 4 outputs (4 words allocated)
1 output (1 word allocated)
Output signal range
1 to 5 VDC, 0 to 10
VDC, or
−10 to 10 VDC
0 to 20 mA or 4 to 20
mA
1 to 5 VDC, 0 to 10
VDC, or
−10 to 10 VDC,
0 to 20 mA or 4 to 20
mA
Allowable external output load resistance
2 k
Ω min.
350
Ω max.
1 k
Ω min.
600
Ω max.
External output impedance
0.5
Ω max.
---
0.5
Ω max.
---
Resolution
1/12000 (full scale)
1/6000 (full scale)
Overall accuracy
25
°C
0.3% full scale
0.4% full scale
0 to 55
°C
0.7% full scale
0.8% full scale
Set data (D/A conversion)
16-bit binary (4-digit hexadecimal)
Full scale for
−10 to 10 V: E890 to 1770 hex
Full scale for other ranges: 0000 to 2EE0 hex
16-bit binary (4-digit hexadecimal)
Full scale for
−10 to 10 V: F448 to 0BB8 hex
Full scale for other ranges: 0000 to 1770 hex
Conversion time
CP1W-MAD42: 1 ms/point (6 ms/all points)
CP1W-MAD44: 1 ms/point (8 ms/all points)
2 ms/point (6 ms/all points)
Isolation method
Photocoupler isolation between analog I/O terminals and internal circuits.
No isolation between analog I/O signals.
Current consumption
CP1W-MAD42: 5 VDC: 120 mA max., 24
VDC: 120 mA max.
CP1W-MAD44: 5 VDC: 120 mA max., 24
VDC: 170 mA max.
5 VDC: 83 mA max., 24 VDC: 110 mA max.
Item
CP1W-TS001
CP1W-TS002
CP1W-TS101
CP1W-TS102
Temperature sensors
Thermocouples
Platinum resistance thermometer
Switchable between K and J, but same type must be used for
all inputs.
Switchable between Pt100 and JPt100, but same type must
be used for all inputs.
Number of inputs
24
24
Allocated input words
24
24
Accuracy
(The larger of
±0.5% of converted value or ±2°C) ±1 digit
max.
*
(The larger of
±0.5% of converted value or ±1°C) ±1 digit
max.
Conversion time
250 ms for 2 or 4 input points
Converted temperature data
16-bit binary data (4-digit hexadecimal)
Isolation
Photocouplers between all temperature input signals
Current consumption
5 VDC: 40 mA max., 24 VDC: 59 mA max.
5 VDC: 54 mA max., 24 VDC: 73 mA max.
Setting
CP1W-TS001/TS002
CP1W-TS101/TS102
Input type
Range (
°C)
Range (
°F)
Input type
Range (
°C)
Range (
°F)
0
K
−200 to 1,300
−300 to 2,300
Pt100
−200.0 to 650.0
−300.0 to 1,200.0
1
0.0 to 500.0
0.0 to 900.0
JPt100
−200.0 to 650.0
−300.0 to 1,200.0
2
J
−100 to 850
−100 to 1,500
---
Cannot be set.
3
0.0 to 400.0
0.0 to 750.0
---
4 to F
---
Cannot be set.
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com