Electronic Components Datasheet Search
  English  ▼

X  

PFP-100N Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # PFP-100N
Description  The CP1E Programmable Controller: Economical, Easy to use, and Efficient
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 7Page - Omron Electronics LLC PFP-100N Datasheet HTML 8Page - Omron Electronics LLC PFP-100N Datasheet HTML 9Page - Omron Electronics LLC PFP-100N Datasheet HTML 10Page - Omron Electronics LLC PFP-100N Datasheet HTML 11Page - Omron Electronics LLC PFP-100N Datasheet HTML 12Page - Omron Electronics LLC PFP-100N Datasheet HTML 13Page - Omron Electronics LLC PFP-100N Datasheet HTML 14Page - Omron Electronics LLC PFP-100N Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
CP1E-E
@@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@
11
■Expansion I/O Units and Expansion Units (for CP1E E30/40/60(S), N30/40/60(S@), or NA20 CPU Units)
CP1E E10/14/20(S) or N14/20 CPU Units do not support Expansion I/O Units and Expansion Units.
■I/O Connecting Cable
Note: An I/O Connecting Cable (approx. 6 cm) for horizontal connection is provided with CP1W Expansion I/O Units and Expansion Units.
Unit type
Product name
Specifications
Current
consumption (A)
Model
Inputs
Outputs
Output type
5 V
24 V
CP1W Expansion
I/O Units
Input Unit
8
--
24 VDC Input
0.018
--
CP1W-8ED
Output Units
--
8
Relay
0.026
0.044
CP1W-8ER
Transistor (sinking)
0.075
--
CP1W-8ET
Transistor (sourcing)
0.075
--
CP1W-8ET1
--
16
Relay
0.042
0.090
CP1W-16ER
Transistor (sinking)
0.076
--
CP1W-16ET
Transistor (sourcing)
0.076
--
CP1W-16ET1
--
32
Relay
0.049
0.131
CP1W-32ER
Transistor (sinking)
0.113
--
CP1W-32ET
Transistor (sourcing)
0.113
--
CP1W-32ET1
I/O Units
12
8
Relay
0.103
0.044
CP1W-20EDR1
Transistor (sinking)
0.130
--
CP1W-20EDT
Transistor (sourcing)
0.130
--
CP1W-20EDT1
24
16
Relay
0.080
0.090
CP1W-40EDR
Transistor (sinking)
0.160
--
CP1W-40EDT
Transistor (sourcing)
0.160
--
CP1W-40EDT1
CP1W Expansion
Units
Analog Input Unit
4CH
--
Input range: 0 to 5 V,
1 to 5 V, 0 to 10 V, ±10 V,
0 to 20 mA, or 4 to 20 mA.
Resolution:
1/6000
0.100
0.090
CP1W-AD041
Resolution:
1/12000
0.100
0.050
CP1W-AD042
Analog Output Unit
--
2CH
Output range:
1 to 5 V, 0 to 10 V, ±10 V,
0 to 20 mA, or 4 to 20 mA.
Resolution:
1/6000
0.040
0.095
CP1W-DA021
--
4CH
Resolution:
1/6000
0.080
0.124
CP1W-DA041
Resolution:
1/12000
0.070
0.160
CP1W-DA042
Analog I/O Unit
4CH
4CH
Input range: 0 to 5 V,
1 to 5 V, 0 to 10 V, ±10 V,
0 to 20 mA, or 4 to 20 mA.
Output range:
1 to 5 V, 0 to 10 V, ±10 V,
0 to 20 mA, or 4 to 20 mA.
Resolution:
1/12000
0.120
0.170
CP1W-MAD44
4CH
2CH
Resolution:
1/12000
0.120
0.120
CP1W-MAD42
2CH
1CH
Resolution:
1/6000
0.083
0.110
CP1W-MAD11
Temperature Sensor
Unit
2CH
--
Sensor type: Thermocouple (J or K)
0.040
0.059
CP1W-TS001
4CH
--
Sensor type: Thermocouple (J or K)
0.040
0.059
CP1W-TS002
2CH
--
Sensor type: Platinum resistance
thermometer
(Pt100 or JPt100)
0.054
0.073
CP1W-TS101
4CH
--
Sensor type: Platinum resistance
thermometer
(Pt100 or JPt100)
0.054
0.073
CP1W-TS102
4CH
--
Sensor type: Thermocouple
(J or K)
2channels can be used as
analog input.
Input range: 1 to 5 V, 0 to 10
V, 4-20 mA
Resolution:
1/12000
0.070
0.030
CP1W-TS003
12CH
--
Sensor type: Thermocouple (J or K)
0.080
0.050
CP1W-TS004
CompoBus/S
I/O Link Unit
8
8
CompoBus/S slave
0.029
--
CP1W-SRT21
Product name
Specifications
Model
I/O Connecting Cable
80 cm (for CP1W Expansion I/O Units and Expansion Units)
Only one I/O Connecting Cable can be used in each PLC.
CP1W-CN811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com