Electronic Components Datasheet Search
  English  ▼

X  

PFP-100N Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # PFP-100N
Description  The CP1E Programmable Controller: Economical, Easy to use, and Efficient
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 25Page - Omron Electronics LLC PFP-100N Datasheet HTML 26Page - Omron Electronics LLC PFP-100N Datasheet HTML 27Page - Omron Electronics LLC PFP-100N Datasheet HTML 28Page - Omron Electronics LLC PFP-100N Datasheet HTML 29Page - Omron Electronics LLC PFP-100N Datasheet HTML 30Page - Omron Electronics LLC PFP-100N Datasheet HTML 31Page - Omron Electronics LLC PFP-100N Datasheet HTML 32Page - Omron Electronics LLC PFP-100N Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
CP1E-E
@@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@
29
●Output Specifications for Transistor Outputs (Sinking or Sourcing)
Normal Outputs
Note: Do not connect a load to an output terminal or apply a voltage in excess of the maximum switching capacity.
* 1 Also do not exceed 0.9 A for the total for CIO 100.00 to CIO 100.03. (CIO 100.00 to CIO 100.03 is different common.)
* 2 The bits that can be used depend on the model of CPU Unit.
Pulse Outputs (CIO 100.00 and CIO 100.01)
Note: 1. The load for the above values is assumed to be the resistance load, and does not take into account the impedance for the connecting
cable to the load.
2. Due to distortions in pulse waveforms resulting from connecting cable impedance, the pulse widths in actual operation may be smaller
than the values shown above.
3. The OFF and ON refer to the output transistor. The output transistor is ON at level “L”.
Item
Specification
N
@@(S@)-type
100.00, 100.01
N
@@(S@)-type
100.02 to 102.07 *2
E10-type
100.00 to 100.03
N
@@S(1)-type
N
@@-type
Maximum switching capacity
0.3 A/output, 0.9 A/common *1
4.5 to 30 VDC
CP1E-E10D
@-@: 0.9 A/Unit CP1E-N40(S@)D@-@: 3.6 A/Unit
CP1E-N14D
@-@: 1.5 A/Unit CP1E-N60(S@)D@-@: 5.4 A/Unit
CP1E-N20D
@-@: 1.8 A/Unit CP1E-NA20D@-@: 1.8 A/Unit
CP1E-N30(S
@)D@-@: 2.7 A/Unit
Minimum switching capacity
1 mA 4.5 to 30 VDC
Leakage current
0.1mA max.
Residual voltage
0.6 V max.
1.5V max.
ON response time
0.1 ms max.
0.1 ms max.
OFF response time
0.1 ms max.
1 ms max.
Fuse
Not provided.
External Power Supply
20.4 to 26.4V VDC
30mA max.
None
None
Circuit configuration
N
@@S (1)-type
sinking
sourcing
sinking
sourcing
N/NA
@@-type
sinking
sourcing
Item
Specification
Maximum switching capacity
100 mA/4.5 to 26.4 VDC
Minimum switching capacity
7 mA/4.5 to 26.4 VDC
Maximum output frequency
100 kHz
Output waveform
OUT
OUT
COM (V-)
L
L
V+
V-
4.5 to 30
VDC
20.4 to 26.4
VDC
Internal
circuits
Internal
circuits
OUT
OUT
COM (V+)
L
L
V+
V-
Internal
circuits
Internal
circuits
20.4 to 26.4
VDC
4.5 to 30
VDC
OUT
OUT
COM(–)
L
L
24 VDC,
4.5 to 30
VDC
Internal
circuits
OUT
OUT
COM(+)
L
L
24 VDC,
4.5 to 30
VDC
Internal
circuits
OUT
OUT
COM(–)
L
L
Internal
circuits
Internal
circuits
24 VDC,
4.5 to 30
VDC
Internal
circuits
Internal
circuits
24 VDC,
4.5 to 30
VDC
OUT
OUT
L
L
COM(+)
4
µs min.
2
µs min.
OFF 90%
ON
10
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com