| Electronic Components Datasheet Search |
|
PFP-100N Datasheet(PDF) 41 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PFP-100N Datasheet(HTML) 41 Page - Omron Electronics LLC |
|
41 / 54 page ![]() CP1E-E @@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@ 41 External Interfaces The CP1E CPU Units provide the following external interfaces. E14/20S CPU Units Note: Terminal Block (Fixed) Note: Terminal Block (Fixed) E30/40/60S CPU Units N30/40/60S(1) CPU Units E @@S-type N @@S(1)-type * N @@S1-type only. E10/14/20 CPU Units N14/20 CPU Units E @@-type N @@-type E30/40 CPU Units N30/40/60 or NA20 CPU Units E @@-type N @@-type/NA-type Output terminal block Input terminals Ground terminal Output indicators Power supply input terminals Output terminals Input indicators Peripheral USB port Operation indicators Input terminal block Output terminal block Ground terminal Output indicators Expansion I/O Unit connector Output terminals External power supply Input terminal block Input indicators Peripheral USB port Operation indicators Power supply input terminals Input terminals Built-in RS-232C communications status indicator Built-in RS-485 communications status indicator * Built-in RS-232C port Built-in RS-485 port Battery cover Input terminal block Output terminal block Power supply input terminals Input terminals Output terminals Ground terminal Input indicators Output indicators Peripheral USB port Analog adjusters Operation indicators Battery cover Built-in RS-232C port Built-in RS-232C communications status indicator Input terminal block Output terminal block Power supply input terminals Input terminals Output terminals External power supply Ground terminal Input indicators Output indicators Peripheral USB port Analog adjusters Operation indicators Expansion I/O Unit connector Serial Option Board slot Built-in RS-232C communications status indicator Battery cover Built-in RS-232C port Analog input terminal (NA-type only) Analog output terminals (NA-type only) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |