Electronic Components Datasheet Search
  English  ▼

X  

PFP-100N Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # PFP-100N
Description  The CP1E Programmable Controller: Economical, Easy to use, and Efficient
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 3Page - Omron Electronics LLC PFP-100N Datasheet HTML 4Page - Omron Electronics LLC PFP-100N Datasheet HTML 5Page - Omron Electronics LLC PFP-100N Datasheet HTML 6Page - Omron Electronics LLC PFP-100N Datasheet HTML 7Page - Omron Electronics LLC PFP-100N Datasheet HTML 8Page - Omron Electronics LLC PFP-100N Datasheet HTML 9Page - Omron Electronics LLC PFP-100N Datasheet HTML 10Page - Omron Electronics LLC PFP-100N Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
CP1E-E
@@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@
7
●Normal-type
■E@@-type CP1E CPU Units (Built-in USB port)
* Product no longer available to order.
Product name
Specifications
External
power
supply
(24 VDC)
(A)
Current
consumption (A)
Model
Power
Supply
Inputs
Outputs
Output
type
Program
capacity
Data
memory
capacity
5 V
24 V
E
@@-type CPU Units
with 10 I/O Points
100 to 240
VAC
64
Relay
2K
steps
2K
words
--
0.08
0.04
CP1E-E10DR-A
Transistor
(sinking)
--
0.11
--
CP1E-E10DT-A
Transistor
(sourcing)
--
0.11
--
CP1E-E10DT1-A
24 VDC
Relay
--
0.08
0.04
CP1E-E10DR-D
Transistor
(sinking)
--
0.11
--
CP1E-E10DT-D
Transistor
(sourcing)
--
0.11
--
CP1E-E10DT1-D
E
@@-type CPU Units
with 14 I/O Points
100 to 240
VAC
8
6
Relay
2K steps
2K words
--
0.16
0.07
CP1E-E14DR-A
*
E
@@-type CPU Units
with 20 I/O Points
100 to 240
VAC
12
8
Relay
2K steps
2K words
--
0.17
0.08
CP1E-E20DR-A
*
E
@@-type CPU Units
with 30 I/O Points
100 to 240
VAC
18
12
Relay
2K steps
2K words
0.30
0.17
0.07
CP1E-E30DR-A
*
E
@@-type CPU Units
with 40 I/O Points
100 to 240
VAC
24
16
Relay
2K steps
2K words
0.30
0.17
0.09
CP1E-E40DR-A
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com