Electronic Components Datasheet Search
  English  ▼

X  

PFP-100N Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # PFP-100N
Description  The CP1E Programmable Controller: Economical, Easy to use, and Efficient
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 5 Page - Omron Electronics LLC

  PFP-100N Datasheet HTML 1Page - Omron Electronics LLC PFP-100N Datasheet HTML 2Page - Omron Electronics LLC PFP-100N Datasheet HTML 3Page - Omron Electronics LLC PFP-100N Datasheet HTML 4Page - Omron Electronics LLC PFP-100N Datasheet HTML 5Page - Omron Electronics LLC PFP-100N Datasheet HTML 6Page - Omron Electronics LLC PFP-100N Datasheet HTML 7Page - Omron Electronics LLC PFP-100N Datasheet HTML 8Page - Omron Electronics LLC PFP-100N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
CP1E-E
@@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@
5
■Application Model
N/NA
@@(S)-type CPU Units
Difference in Characteristics and Functions
Product Lineup
* 30, 40 and 60 I/O points only.
Normal-type
N
@@-/NA-type
Renewal-type
N
@@S1-type
Renewal-type
N
@@S-type
Function
N/NA
@@-type (Normal)
N
@@S(1)-type (Renewal)
Analog adjusters
2 adjusters
(Setting range: 0 to 255)
None
The analog adjuster PV in A642/A643 is fixed on 0000.
Built-in RS-232C port
6 signals are supported: SD, RD, RS, CS, DR and ER.
4 signals are supported: SD, RD, RS and CS.
DR (pin 7) and ER (pin 8) are not supported.
Option board
1 port (N30/40/60, NA20 CPU Unit only)
Cannot be mounted
There is no slot for an option board.
Built-in RS-485 port
None
1 port (N30/40/60S1 CPU Unit only)
With 2-wire connections, it can only communicate in half duplex.
Terminating resistance ON/OFF can be set by DIP switch.
Terminal
Arrangements
(Transistor
outputs
only)
COM
allocation
CIO 100.00 and CIO 100.01 correspond with different common
terminals.
CIO 100.00 and CIO 100.01 correspond with the same common
terminal.
Power
supply for
transistor
outputs
Not needed
Do not connect an external power supply.
Needed
It is necessary to connect a DC24V external power supply when
using terminals 00 and 01 on terminal block CIO 100. Do not
connect the external power supply to the terminals except 00 and 01
on terminal block CIO 100.
Normal-type
Renewal-type
N
@@ CPU Unit
RS-232C+1 option slot (
*)
N
@@S CPU Unit
Built-in RS-232C
N
@@S1 CPU Unit
Built-in RS-232C+RS-485
Relay outputs
Transistor outputs
(sinking/sourcing)
Relay outputs
Transistor outputs
(sinking/sourcing)
Relay outputs
Transistor outputs
(sinking/sourcing)
Power
supply
AC
DC
AC
DC
AC
DC
AC
DC
AC
DC
AC
DC
10 I/O points
--
--
--
--
--
--
--
--
--
--
--
--
14 I/O points
❍❍❍
❍
--
--
--
--
--
--
--
--
20 I/O points
❍❍❍
❍
--
--
--
--
--
--
--
--
30 I/O points
❍❍❍
❍❍
--
--
❍❍
--
--
❍
40 I/O points
❍❍❍
❍❍
--
--
❍❍
--
--
❍
60 I/O points
❍❍❍
❍❍
--
--
❍❍
--
--
❍
20 I/O points
(Built-in analog)
❍
--
--
❍
--
--
--
--
--
--
--
--
Peripheral USB
Port
Built-in RS-232C
port
Option Board slot
Analog input terminal
(NA-type only)
Analog output terminals
(NA-type only)
Built-in RS-232C
port
Built-in RS-485
port
Peripheral USB Port
Peripheral USB Port
Built-in RS-232C
port
NC00
01
02
NC COM COM COM 03
CIO 100.00 and CIO 100.01
are different COM.
V+00
01
02
V-
COM(V-) COM 03
CIO 100.00 and CIO 100.01
are the same COM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com