Electronic Components Datasheet Search
  English  ▼

X  

DA14531 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA14531
Description  Ultra Low Power Bluetooth 5.1 SoC
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA14531 Datasheet HTML 35Page - Dialog Semiconductor DA14531 Datasheet HTML 36Page - Dialog Semiconductor DA14531 Datasheet HTML 37Page - Dialog Semiconductor DA14531 Datasheet HTML 38Page - Dialog Semiconductor DA14531 Datasheet HTML 39Page - Dialog Semiconductor DA14531 Datasheet HTML 40Page - Dialog Semiconductor DA14531 Datasheet HTML 41Page - Dialog Semiconductor DA14531 Datasheet HTML 42Page - Dialog Semiconductor DA14531 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 374 page
background image
DA14531
Ultra Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.1
09-Jul-2020
CFR0011-120-00
39 of 374
© 2020 Dialog Semiconductor
Table 19: Digital Pad with LPF - Recommended Operating Conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
IL_HIDRV
driving current - high mode
3.5
mA
IL_LODRV
driving current - low mode
0.35
mA
3.12 Power On Reset
Table 20: POR VBAT_LOW - DC Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VTH_H
POR VBAT_LOW reset
release voltage
1.05
1.1
V
VTH_L
POR VBAT_LOW reset
activation voltage
0.95
1
V
Table 21: POR VBAT_HIGH - DC Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VTH_H
POR VBAT_HIGH reset
release voltage
1.75
1.8
V
VTH_L
POR VBAT_HIGH reset
activation voltage
1.62
1.66
V
3.13 GP ADC
Table 22: GP ADC - Recommended Operating Conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
NBIT_ADC
number of bits (resolution)
10
bit
Table 23: GP ADC - DC Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
EG
ADC gain error without
software correction (single-
ended)
Trimmed bandgap
-3
3
%
EG_COR
ADC gain error after software
correction (single-ended)
Trimmed bandgap & Gain
Error + Offset correction
applied
-1
1
%
EOFS
ADC offset error without
software correction (single-
ended)
Trimmed bandgap, no
chopping
-40
40
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com