Electronic Components Datasheet Search
  English  ▼

X  

DA14531 Datasheet(PDF) 40 Page - Dialog Semiconductor

Part # DA14531
Description  Ultra Low Power Bluetooth 5.1 SoC
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531 Datasheet(HTML) 40 Page - Dialog Semiconductor

Back Button DA14531 Datasheet HTML 36Page - Dialog Semiconductor DA14531 Datasheet HTML 37Page - Dialog Semiconductor DA14531 Datasheet HTML 38Page - Dialog Semiconductor DA14531 Datasheet HTML 39Page - Dialog Semiconductor DA14531 Datasheet HTML 40Page - Dialog Semiconductor DA14531 Datasheet HTML 41Page - Dialog Semiconductor DA14531 Datasheet HTML 42Page - Dialog Semiconductor DA14531 Datasheet HTML 43Page - Dialog Semiconductor DA14531 Datasheet HTML 44Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 374 page
background image
DA14531
Ultra Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.1
09-Jul-2020
CFR0011-120-00
40 of 374
© 2020 Dialog Semiconductor
Parameter
Description
Conditions
Min
Typ
Max
Unit
EOFS_COR
ADC offset error after
software correction (single-
ended)
Trimmed bandgap, chopping
enabled & Gain Error +
Offset correction applied
-4
4
LSB
EG_DIF
ADC gain error without
software correction
(differential)
Trimmed bandgap
-3
3
%
EG_DIF_COR
ADC gain error after software
correction (differential)
Trimmed bandgap & Gain
Error + Offset correction
applied
-1
1
%
EOFS_DIF
ADC offset error without
software correction
(differential)
Trimmed bandgap, no
chopping
-20
20
LSB
EOFS_DIF_COR
ADC offset error after
software correction
(differential)
Trimmed bandgap, chopping
enabled & Gain Error +
Offset correction applied
-4
4
LSB
EG_ATTNX
ADC gain error after software
correction (including
attenuator)
Trimmed bandgap & GPADC
Gain Error + Offset
correction applied
-4
4
%
EOFS_ATTNX
ADC offset error after
software correction (including
attenuator)
Trimmed bandgap, chopping
enabled & GPADC Gain
Error + Offset correction
applied
-16
16
LSB
EG_OFFSH
ADC gain error after software
correction (including offset
shifter)
Trimmed bandgap & Offset
Shifter Gain Error + Offset
correction applied
-1
1
%
EOFS_OFFSH
ADC offset error after
software correction (including
offset shifter)
Trimmed bandgap, chopping
enabled & Offset Shifter Gain
Error + Offset correction
applied
-4
4
LSB
INL
integral non-linearity
Note 1
-2
2
LSB
DNL
differential non-linearity
-2
2
LSB
ENOB
Effective Number Of Bits
no averaging, no chopping,
Single-Ended: VIN,PP =
800mV
9
bit
ENOBAVG128
Effective Number Of Bits
128x averaging, Single-
Ended: VIN,PP = 800mV
11
bit
Note 1
INL is the deviation of a code from a straight line passing through the actual endpoints of the transfer
curve.
Table 24: GP ADC - Electrical performance
Parameter
Description
Conditions
Min
Typ
Max
Unit
tCONV_ADC
Conversion time of the ADC
125
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com