Electronic Components Datasheet Search
  English  ▼

X  

DA14531 Datasheet(PDF) 87 Page - Dialog Semiconductor

Part # DA14531
Description  Ultra Low Power Bluetooth 5.1 SoC
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531 Datasheet(HTML) 87 Page - Dialog Semiconductor

Back Button DA14531 Datasheet HTML 83Page - Dialog Semiconductor DA14531 Datasheet HTML 84Page - Dialog Semiconductor DA14531 Datasheet HTML 85Page - Dialog Semiconductor DA14531 Datasheet HTML 86Page - Dialog Semiconductor DA14531 Datasheet HTML 87Page - Dialog Semiconductor DA14531 Datasheet HTML 88Page - Dialog Semiconductor DA14531 Datasheet HTML 89Page - Dialog Semiconductor DA14531 Datasheet HTML 90Page - Dialog Semiconductor DA14531 Datasheet HTML 91Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 374 page
background image
DA14531
Ultra Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.1
09-Jul-2020
CFR0011-120-00
87 of 374
© 2020 Dialog Semiconductor
11 OTP Controller
11.1 Introduction
The OTP controller realizes all functions of the OTP macro cell in an automated and transparent way.
The controller facilitates all data transfers (reading and programming), comprises a DMA engine
which connects to the AHB bus as a master, and has the highest priority to copy code from OTP into
SysRAM in mirrored mode. The block diagram is presented in Figure 30.
Features
● Implements all timing constraints for any access to the physical OTP cell
● Automatic single Error Code Correction (ECC) - 6 bits (implemented in the OTP cell)
● 32-bit read in a single read access from the OTP cell
● Single word buffer for programming. No burst programming supported
● Empty words are 0xFFFFFFFF. Zeros are programmed per 32-bit word
● Embedded DMA engine for fast mirroring of the OTP contents into the SysRAM
● Embedded DMA supports reading in bursts of 4 × 32-bit words
● Transparent random address access to the OTP memory cells via the AHB slave memory
interface
● Hardwired handshaking with the PMU to realize the mirroring procedure
Copy
Req/Ack
OTP Memory
(32+6)bits x 8192
DMA
AHB Slave
Memory
AHB Slave
Registers
AHB Lite
FIFO
Controller
IF Ctrl
Slave
AHB Master
Figure 30: OTP Controller Block Diagram
11.2 Architecture
The OTP controller block includes the OTP macro cell and pure digital logic implementing the
controlling functions. The OTP memory communicates with the controller through a proprietary
interface.
The internal organization of the OTP cell is 32-bit data and 6-bit ECC for each of the 8192
addressable positions. The six bits of the ECC are only accessible within the OTP cell. The ECC is
generated by the OTP cell during the programming and is used again by the OTP cell in a
transparent way during reading.
The AHB master interface is controlled by a DMA engine with an internal FIFO of eight 32-bit words.
The DMA engine supports AHB reads and writes. The AHB address where memory access should
begin is programmed into the DMA engine at OTPC_AHBADR_REG[OTPC_AHBADR]. The number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com