Electronic Components Datasheet Search
  English  ▼

X  

DA14531 Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # DA14531
Description  Ultra Low Power Bluetooth 5.1 SoC
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531 Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button DA14531 Datasheet HTML 28Page - Dialog Semiconductor DA14531 Datasheet HTML 29Page - Dialog Semiconductor DA14531 Datasheet HTML 30Page - Dialog Semiconductor DA14531 Datasheet HTML 31Page - Dialog Semiconductor DA14531 Datasheet HTML 32Page - Dialog Semiconductor DA14531 Datasheet HTML 33Page - Dialog Semiconductor DA14531 Datasheet HTML 34Page - Dialog Semiconductor DA14531 Datasheet HTML 35Page - Dialog Semiconductor DA14531 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 374 page
background image
DA14531
Ultra Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.1
09-Jul-2020
CFR0011-120-00
32 of 374
© 2020 Dialog Semiconductor
Parameter
Description
Conditions
Min
Typ
Max
Unit
IBAT_LOW_ACT
_RX
battery supply current
Application with Receiver
Active, CPU idle at 16MHz,
DCDC off
5
mA
IBAT_LOW_ACT
_TX
battery supply current
Application with Pout =
0dBm, Power setting 9,
Transmit continuous
unmodulated output power,
CPU idle at 16MHz, DCDC
off
8
mA
IBAT_HIGH_ACT
_RX
battery supply current
Application with Receiver
Active, CPU idle at 16MHz,
DCDC on
2.2
mA
IBAT_HIGH_ACT
_TX
battery supply current
Application with Pout =
0dBm,Power setting 9,
Transmit continuous
unmodulated output power,
CPU idle at 16MHz, DCDC
on
3.5
mA
IBAT_LOW_RUN
_16MHz
battery supply current
CPU executing code from
RAM running on XTAL32M
oscillator at 16MHz, DCDC
off
830
μA
IBAT_HIGH_RU
N_16MHz
battery supply current
CPU executing code from
RAM running on XTAL32M
oscillator at 16MHz
380
μA
IBAT_HIGH_IDL
E_16MHz
battery supply current
CPU in Wait-for-Interrupt
(WFI) state running on
XTAL32M oscillator at
16MHz
230
μA
IBAT_LOW_IDLE
_16MHz
battery supply current
CPU in Wait-for-Interrupt
(WFI) state running on
XTAL32M oscillator at
16MHz, DCDC off
460
μA
IBAT_HIGH_RST
battery supply current
Reset pin asserted, buck
configuration, VBAT_HIGH = 3.0
V, at 25°C
200
μA
IBAT_LOW_RST
battery supply current
Reset pin asserted, boost
configuration, VBAT_LOW = 1.5
V, at 25°C
200
μA
Note 1
IBAT_HIGH
is Buck configuration at VBAT = 3 V, at 25 °C
Note 2
IBAT_LOW is Boost configuration at VBAT = 1.5 V, at 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com