Electronic Components Datasheet Search
  English  ▼

X  

DA14531 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # DA14531
Description  Ultra Low Power Bluetooth 5.1 SoC
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button DA14531 Datasheet HTML 33Page - Dialog Semiconductor DA14531 Datasheet HTML 34Page - Dialog Semiconductor DA14531 Datasheet HTML 35Page - Dialog Semiconductor DA14531 Datasheet HTML 36Page - Dialog Semiconductor DA14531 Datasheet HTML 37Page - Dialog Semiconductor DA14531 Datasheet HTML 38Page - Dialog Semiconductor DA14531 Datasheet HTML 39Page - Dialog Semiconductor DA14531 Datasheet HTML 40Page - Dialog Semiconductor DA14531 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 374 page
background image
DA14531
Ultra Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.1
09-Jul-2020
CFR0011-120-00
37 of 374
© 2020 Dialog Semiconductor
Table 15: LDO_LOW - DC Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
VO_ACTIVE
output voltage
Active mode (high current)
POWER_LEVEL_REG[LDO
_LOW_TRIM] = 0x3 (default)
ILOAD = 1mA
1.067
1.1
1.133
V
VO_SLEEP
output voltage
Sleep mode (low current)
POWER_LEVEL_REG[LDO
_LOW_TRIM] = 0x3 (default)
ILOAD
= 100μA
1.056
1.1
1.144
V
VO_TRIM_0
Trim step, delta from 1.1 V
nominal value
POWER_LEVEL_REG[LDO
_LOW_TRIM] = 0x0
-75
mV
VO_TRIM_1
Trim step, delta from 1.1 V
nominal value
POWER_LEVEL_REG[LDO
_LOW_TRIM] = 0x1
-50
mV
VO_TRIM_2
Trim step, delta from 1.1 V
nominal value
POWER_LEVEL_REG[LDO
_LOW_TRIM] = 0x2
-25
mV
VO_TRIM_3
Trim step, delta from 1.1 V
nominal value
POWER_LEVEL_REG[LDO
_LOW_TRIM] = 0x3
0
mV
VO_TRIM_4
Trim step, delta from 1.1 V
nominal value
POWER_LEVEL_REG[LDO
_LOW_TRIM] = 0x4
25
mV
VO_TRIM_5
Trim step, delta from 1.1 V
nominal value
POWER_LEVEL_REG[LDO
_LOW_TRIM] = 0x5
50
mV
VO_TRIM_6
Trim step, delta from 1.1 V
nominal value
POWER_LEVEL_REG[LDO
_LOW_TRIM] = 0x6
75
mV
VO_TRIM_7
Trim step, delta from 1.1 V
nominal value
POWER_LEVEL_REG[LDO
_LOW_TRIM] = 0x7
100
mV
IQ_ACTIVE
quiescent current
No load
12
μA
IQ_SLEEP
quiescent current
No load
40
nA
RON_SW_HIGH
On resistance of the high
Ohmic switch between
VBAT_HIGH and VBAT_LOW rail.
Buck mode, VBAT_HIGH = 1.62
V, VBAT_LOW = 1.1 V
250
Ω
RON_SW_LOW
On resistance of the low
Ohmic switch between
VBAT_HIGH and VBAT_LOW rail.
Buck mode, VBAT_HIGH = 1.62
V, VBAT_LOW = 1.1 V
10
Ω
RON_SW_LOW
_BOOST
On resistance of the low
Ohmic switch between
VBAT_HIGH and VBAT_LOW rail.
Boost mode, VBAT_LOW = 1.1
V
10
Ω
3.11 Digital I/O Characteristics
Table 16: Digital Pad - Recommended Operating Conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
IL_HIDRV
driving current - high mode
3.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com