Electronic Components Datasheet Search
  English  ▼

X  

DA14531 Datasheet(PDF) 49 Page - Dialog Semiconductor

Part # DA14531
Description  Ultra Low Power Bluetooth 5.1 SoC
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531 Datasheet(HTML) 49 Page - Dialog Semiconductor

Back Button DA14531 Datasheet HTML 45Page - Dialog Semiconductor DA14531 Datasheet HTML 46Page - Dialog Semiconductor DA14531 Datasheet HTML 47Page - Dialog Semiconductor DA14531 Datasheet HTML 48Page - Dialog Semiconductor DA14531 Datasheet HTML 49Page - Dialog Semiconductor DA14531 Datasheet HTML 50Page - Dialog Semiconductor DA14531 Datasheet HTML 51Page - Dialog Semiconductor DA14531 Datasheet HTML 52Page - Dialog Semiconductor DA14531 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 374 page
background image
DA14531
Ultra Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.1
09-Jul-2020
CFR0011-120-00
49 of 374
© 2020 Dialog Semiconductor
BATTERY
3V
– 1.1V
VBAT_HIGH
VBAT_LOW
LX
XTAL1
XTAL2
32MHz
Bandgap
Isupply=50uA
XTAL 32M
GP ADC
Isup=50uA
DCDC
CONVERTER
Typ 3.0V (1.8 ... 3.3V)
Typ 1.1V (1.1 ... 3.3V)
LDO GPADC
1mA
LDO XTAL
1mA
0.9V
0.9V
RADIO
XTAL 32k
0.75V ... 0.9V
LDO VDD
6mA
VDD
VDD
DCORE
Temp
sensor
RC 32M
RCX
DCDC
control
FB
LNA/Mix/
TIA/IFF/
ADC/DACs
LDO RF IF
3...8mA
0.9V
DCO/LO/
DIV
LDO RF LO
2mA
0.9V
LDO
LOW
RET
POR
LOW
>0.95V
POR
HIGH
>1.62V
OTP
Memory
>1.8V
VDD Clamp
POR_VDD
RC32kHz
Nx GPIO
PORTS
XTAL1
XTAL2
32MHz
Bandgap
XTAL 32M
DCDC
CONVERTER
(1.1 ... 3.3V)
LDO XTAL
0.9V
RADIO
XTAL 32k
0.75V ... 0.9V
ret mode
VDD
VDD
DCORE
RC 32M
RCX
DCDC
control
LDO
LOW
POR
HIGH
<1.66V
OTP
Memory
>1.8V
VDD Clamp
POR_VDD
RC32kHz
LDO CORE
Always enabled
Enabled by HW FSM
Enabled by Software
32k_n
32k_p
GP ADC
LDO GPADC
0.9V
0.9V
RF Blocks
LDO RF
RF Blocks
LDO RF
0.9V
0.9V
RF Blocks
LDO RF
ret mode
Temp
sensor
POR
LOW
<1.00V
VBAT_BYPASS
Figure 9: Power Management Unit: Bypass Configuration
4.2.2.1
Digital Power Domains
The DA14531 supports a number of digital power domains that can be turned on and off by software
(Figure 10). Some of the blocks contain registers that can retain their values even if the digital power
domain where they reside is powered off. RAM cells can retain their contents independently from the
digital power domains state.
Arm Cortex M0+
POR HIGH
POR LOW
BUCK/
BOOST
XTAL
32.768
kHz
XTAL
32 MHz
RAM Ctrl
LDO
SYS
BLE 5.1 MAC
GPIO Multiplexing
SPI
I2C
General Purpose
Registers
TIMER0/2
QuadRature
Decoder (x3)
Keyboard Scanner
4-ch 10-bit ADC
Temperature
sensor
Radio
Tranceiver
LDO
RET
RF
LDO
Digital
PHY
RFCU
UART/UART2
CLOCK
GEN
RAM
48 kB
DMA Engine
OTP Ctrl
OTP
32 kB
ROM Ctrl
ROM
144 kB
AMBA AHB
AMBA APB
Sleep Domain (PD_SLP)
Always On Domain (PD_AON)
System Domain (PD_SYS)
Radio Domain (PD_RAD)
Analog/RF
RTC
Timers Domain (PD_TIM)
TIMER1
Figure 10: Digital Power Domains
The list of blocks residing in each one of the digital power domains is presented in Table 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com