Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC6820
Description  12-Cell Battery Stack Monitors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 35Page - Analog Devices LTC6820 Datasheet HTML 36Page - Analog Devices LTC6820 Datasheet HTML 37Page - Analog Devices LTC6820 Datasheet HTML 38Page - Analog Devices LTC6820 Datasheet HTML 39Page - Analog Devices LTC6820 Datasheet HTML 40Page - Analog Devices LTC6820 Datasheet HTML 41Page - Analog Devices LTC6820 Datasheet HTML 42Page - Analog Devices LTC6820 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
LTC6811-1/LTC6811-2
39
Rev. C
For more information www.analog.com
OPERATION
Each S pin PWM signal is sequenced at different intervals
to ensure that no two pins switch on or off at the same
time. The switching interval between channels is 62.5ms,
and 0.75 seconds is required for all twelve pins to switch
(12 • 62.5ms).
The default value of the PWM register is all 1s so that the
LTC6811 will maintain backwards compatibility with the
LTC6804. Upon entering sleep mode, the PWM register
will be initialized to its default value.
I2C/SPI MASTER ON LTC6811 USING GPIOS
The I/O ports GPIO3, GPIO4 and GPIO5 on LTC6811-1 and
LTC6811-2 can be used as an I2C or SPI master port to
communicate to an I2C or SPI slave. In the case of an I2C
master, GPIO4 and GPIO5 form the SDA and SCL ports of
the I2C interface respectively. In the case of a SPI master,
GPIO3, GPIO4 and GPIO5 become the CSBM, SDIOM
and SCKM ports of the SPI interface respectively. The
SPI master on LTC6811 supports SPI mode 3 (CHPA = 1,
CPOL = 1).
The GPIOs are open drain outputs, so an external pull-up
is required on these ports to operate as an I2C or SPI
master. It is also important to write the GPIO bits to 1 in
the Configuration Register Group so these ports are not
pulled low internally by the device.
COMM Register
LTC6811hasa6-byteCOMMregisterasshowninTable 18.
This register stores all data and control bits required for
I2C or SPI communication to a slave. The COMM register
contains three bytes of data Dn[7:0] to be transmitted to
or received from the slave device. ICOMn[3:0] specify
control actions before transmitting/receiving each data
byte. FCOMn[3:0] specify control actions after transmit-
ting/receiving each data byte.
If the bit ICOMn[3] in the COMM register is set to 1 the
part becomes a SPI master and if the bit is set to 0 the
part becomes an I2C master.
Table 19 describes the valid write codes for ICOMn[3:0]
and FCOMn[3:0] and their behavior when using the part
as an I2C master.
Table 19. Write Codes for ICOMn[3:0] and FCOMn[3:0] on I2C Master
CONTROL BITS
CODE
ACTION
DESCRIPTION
ICOMn[3:0]
0110
START
Generate a START signal on I2C port followed by data transmission
0001
STOP
Generate a STOP signal on I2C port
0000
BLANK
Proceed directly to data transmission on I2C port
0111
No Transmit
Release SDA and SCL and ignore the rest of the data
FCOMn[3:0]
0000
Master ACK
Master generates an ACK signal on ninth clock cycle
1000
Master NACK
Master generates a NACK signal on ninth clock cycle
1001
Master NACK + STOP
Master generates a NACK signal followed by STOP signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com