Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 49 Page - Analog Devices

Part # LTC6820
Description  12-Cell Battery Stack Monitors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 49 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 45Page - Analog Devices LTC6820 Datasheet HTML 46Page - Analog Devices LTC6820 Datasheet HTML 47Page - Analog Devices LTC6820 Datasheet HTML 48Page - Analog Devices LTC6820 Datasheet HTML 49Page - Analog Devices LTC6820 Datasheet HTML 50Page - Analog Devices LTC6820 Datasheet HTML 51Page - Analog Devices LTC6820 Datasheet HTML 52Page - Analog Devices LTC6820 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
LTC6811-1/LTC6811-2
49
Rev. C
For more information www.analog.com
OPERATION
REQUIRED
BIAS
68111 F22
MISO
MOSI
CLK
CS
VDD
MPU
V+
C12
S12
C11
S11
C10
S10
C9
S9
C8
S8
C7
S7
C6
S6
C5
S5
C4
S4
C3
S3
C2
S2
C1
IPB
IMB
ICMP
IBIAS
SDO(NC)
SDI(NC)
SCK(IPA)
CSB(IMA)
ISOMD
WDT
DRIVE
VREG
DTEN
VREF1
VREF2
GPIO5
GPIO4
V–
V–
GPIO3
GPIO2
GPIO1
C0
S1
LTC6811-1
TERMINATED UNUSED PORT
100
20k
5k
68111 F23
MISO
MOSI
CLK
CS
VDD
MPU
V+
C12
S12
C11
S11
C10
S10
C9
S9
C8
S8
C7
S7
C6
S6
C5
S5
C4
S4
C3
S3
C2
S2
C1
A3
A2
A1
A0
SDO(IBIAS)
SDI(ICMP)
SCK(IPA)
CSB(IMA)
ISOMD
WDT
DRIVE
VREG
DTEN
VREF1
VREF2
GPIO5
GPIO4
V–
V–
GPIO3
GPIO2
GPIO1
C0
S1
LTC6811-1
5k
ADDRESS = 0×0
Figure 22. Single Device LTC6811-1 Using 4-Wire Port A
Figure 23. Single Device LTC6811-2 Using 4-Wire Port A
isoSPI Pulse Detail
Two LTC6811 devices can communicate by transmitting
and receiving differential pulses back and forth through an
isolation barrier. The transmitter can output three voltage
levels: +VA, 0V and -VA. A positive output results from IP
sourcingcurrentandIMsinkingcurrentacrossloadresistor
RM. A negative voltage is developed by IP sinking and IM
sourcing. When both outputs are off, the load resistance
forces the differential output to 0V.
To eliminate the DC signal component and enhance reli-
ability, the isoSPI uses two different pulse lengths. This
allows four types of pulses to be transmitted, as shown in
Table 25. A +1 pulse will be transmitted as a positive pulse
followed by a negative pulse. A –1 pulse will be transmit-
ted as a negative pulse followed by a positive pulse. The
duration of each pulse is defined as t½PW, since each is
half of the required symmetric pair (the total isoSPI pulse
duration is 2·t½PW).
Table 25. isoSPI Pulse Types
PULSE TYPE
FIRST LEVEL
(t½PW)
SECOND LEVEL
(t½PW)
ENDING LEVEL
Long +1
+VA (150ns)
–VA (150ns)
0V
Long –1
–VA (150ns)
+VA (150ns)
0V
Short +1
+VA (50ns)
–VA (50ns)
0V
Short –1
–VA (50ns)
+VA (50ns)
0V
A host microcontroller does not have to generate isoSPI
pulses to use this 2-wire interface. The first LTC6811 in
the system can communicate to the microcontroller using
the 4-wire SPI interface on its Port A, then daisy-chain to
other LTC6811s using the 2-wire isoSPI interface on its
Port B. Alternatively, the LTC6820 can be used to translate
the SPI signals into isoSPI pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com