Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6820
Description  12-Cell Battery Stack Monitors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 3 Page - Analog Devices

  LTC6820 Datasheet HTML 1Page - Analog Devices LTC6820 Datasheet HTML 2Page - Analog Devices LTC6820 Datasheet HTML 3Page - Analog Devices LTC6820 Datasheet HTML 4Page - Analog Devices LTC6820 Datasheet HTML 5Page - Analog Devices LTC6820 Datasheet HTML 6Page - Analog Devices LTC6820 Datasheet HTML 7Page - Analog Devices LTC6820 Datasheet HTML 8Page - Analog Devices LTC6820 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
LTC6811-1/LTC6811-2
3
Rev. C
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage, V+ to V–...................................75V
Supply Voltage (Relative to C6), V+ to C6..................50V
Input Voltage (Relative to V–),
C0 ......................................................... –0.3V to 0.3V
C12 .............................. –0.3V to MIN(V+ + 5.5V, 75V)
C(n)......................................–0.3V to MIN(8 • n, 75V)
S(n)......................................–0.3V to MIN(8 • n, 75V)
IPA, IMA, IPB, IMB............ –0.3V to VREG + 0.3V, ≤6V
DRIVE ...................................................... –0.3V to 7V
All Other Pins........................................... –0.3V to 6V
Voltage Between Inputs
C(n) to C(n – 1) ........................................ –0.3V to 8V
S(n) to C(n – 1) ........................................ –0.3V to 8V
C12 to C9............................................... –0.3V to 21V
C9 to C6................................................. –0.3V to 21V
(Note 1)
PIN CONFIGURATION
LTC6811-1
LTC6811-2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
TOP VIEW
G PACKAGE
48-LEAD PLASTIC SSOP
TJMAX = 150°C, θJA = 55°C/W
*THE FUNCTION OF THESE PINS DEPENDS ON THE CONNECTION OF ISOMD
ISOMD TIED TO V–: CSB, SCK, SDI, SDO
ISOMD TIED TO VREG: IMA, IPA, NC, NC
**THIS PIN MUST BE CONNECTED TO V–
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
V+
C12
S12
C11
S11
C10
S10
C9
S9
C8
S8
C7
S7
C6
S6
C5
S5
C4
S4
C3
S3
C2
S2
C1
IPB
IMB
ICMP
IBIAS
SDO (NC)*
SDI (NC)*
SCK (IPA)*
CSB (IMA)*
ISOMD
WDT
DRIVE
VREG
DTEN
VREF1
VREF2
GPIO5
GPIO4
V–
V–**
GPIO3
GPIO2
GPIO1
C0
S1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
TOP VIEW
G PACKAGE
48-LEAD PLASTIC SSOP
TJMAX = 150°C, θJA = 55°C/W
*THE FUNCTION OF THESE PINS DEPENDS ON THE CONNECTION OF ISOMD
ISOMD TIED TO V–: CSB, SCK, SDI, SDO
ISOMD TIED TO VREG: IMA, IPA, NC, NC
**THIS PIN MUST BE CONNECTED TO V–
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
V+
C12
S12
C11
S11
C10
S10
C9
S9
C8
S8
C7
S7
C6
S6
C5
S5
C4
S4
C3
S3
C2
S2
C1
A3
A2
A1
A0
SDO (IBIAS)*
SDI (ICMP)*
SCK (IPA)*
CSB (IMA)*
ISOMD
WDT
DRIVE
VREG
DTEN
VREF1
VREF2
GPIO5
GPIO4
V–
V–**
GPIO3
GPIO2
GPIO1
C0
S1
C6 to C3................................................. –0.3V to 21V
C3 to C0................................................. –0.3V to 21V
Current In/Out of Pins
All Pins Except VREG, IPA, IMA, IPB, IMB, C(n), S(n)..10mA
IPA, IMA, IPB, IMB.............................................30mA
Operating Temperature Range
LTC6811I..............................................–40°C to 85°C
LTC6811H .......................................... –40°C to 125°C
Specified Temperature Range
LTC6811I..............................................–40°C to 85°C
LTC6811H .......................................... –40°C to 125°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering 10 sec)....................300°C
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com