Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 84 Page - Analog Devices

Part # LTC6820
Description  12-Cell Battery Stack Monitors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 84 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 80Page - Analog Devices LTC6820 Datasheet HTML 81Page - Analog Devices LTC6820 Datasheet HTML 82Page - Analog Devices LTC6820 Datasheet HTML 83Page - Analog Devices LTC6820 Datasheet HTML 84Page - Analog Devices LTC6820 Datasheet HTML 85Page - Analog Devices LTC6820 Datasheet HTML 86Page - Analog Devices LTC6820 Datasheet HTML 87Page - Analog Devices LTC6820 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
LTC6811-1/LTC6811-2
84
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Transformer Selection Guide
As shown in Figure 45, a transformer or pair of transform-
ers isolates the isoSPI signals between two isoSPI ports.
The isoSPI signals have programmable pulse amplitudes
up to 1.6VP-P and pulse widths of 50ns and 150ns. To be
able to transmit these pulses with the necessary fidelity
the system requires that the transformers have primary
inductances above 60µH and a 1:1 turns ratio. It is also
necessary to use a transformer with less than 2.5µH of
leakage inductance. In terms of pulse shape the primary
inductance will mostly affect the pulse droop of the 50ns
and 150ns pulses. If the primary inductance is too low,
the pulse amplitude will begin to droop and decay over
the pulse period. When the pulse droop is severe enough,
the effective pulse width seen by the receiver will drop
substantially, reducing noise margin. Some droop is ac-
ceptable as long as it is a relatively small percentage of
thetotalpulseamplitude.Theleakageinductanceprimarily
affects the rise and fall times of the pulses. Slower rise
and fall times will effectively reduce the pulse width. Pulse
width is determined by the receiver as the time the signal
is above the threshold set at the ICMP pin. Slow rise and
fall times cut into the timing margins. Generally it is best
to keep pulse edges as fast as possible. When evaluating
transformers, it is also worth noting the parallel winding
capacitance. While transformers have very good CMRR at
lowfrequency,thisrejectionwilldegradeathigherfrequen-
cies, largely due to the winding to winding capacitance.
When choosing a transformer, it is best to pick one with
less parallel winding capacitance when possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com