Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC6820
Description  12-Cell Battery Stack Monitors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 20Page - Analog Devices LTC6820 Datasheet HTML 21Page - Analog Devices LTC6820 Datasheet HTML 22Page - Analog Devices LTC6820 Datasheet HTML 23Page - Analog Devices LTC6820 Datasheet HTML 24Page - Analog Devices LTC6820 Datasheet HTML 25Page - Analog Devices LTC6820 Datasheet HTML 26Page - Analog Devices LTC6820 Datasheet HTML 27Page - Analog Devices LTC6820 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
LTC6811-1/LTC6811-2
24
Rev. C
For more information www.analog.com
OPERATION
ADC Range and Resolution
The C inputs and GPIO inputs have the same range and
resolution. The ADC inside the LTC6811 has an approxi-
mate range from –0.82V to +5.73V. Negative readings are
rounded to 0V. The format of the data is a 16-bit unsigned
integer where the LSB represents 100µV. Therefore, a
reading of 0x80E8 (33,000 decimal) indicates a measure-
ment of 3.3V.
Delta-SigmaADCshavequantizationnoisewhichdepends
on the input voltage, especially at low oversampling ra-
tios (OSR), such as in FAST mode. In some of the ADC
modes, the quantization noise increases as the input
voltage approaches the upper and lower limits of the
ADC range. For example, the total measurement noise
versus input voltage in normal and filtered modes is
shown in Figure 2.
ADC INPUT VOLTAGE (V)
0
1
0.1
0.9
0.7
0.5
0.3
0.8
0.6
0.4
0.2
0
2.5
4.5
1.5
3.5
68111 F02
5
2
4
1
3
0.5
NORMAL MODE
FILTERED MODE
Figure 2. Measurement Noise vs Input Voltage
The specified range of the ADC is 0V to 5V. In Table 4,
the precision range of the ADC is arbitrarily defined as
0.5V to 4.5V. This is the range where the quantization
noise is relatively constant even in the lower OSR modes
(see Figure 2). Table 4 summarizes the total noise in this
range for all eight ADC operating modes. Also shown is
the noise free resolution. For example, 14-bit noise free
resolution in normal mode implies that the top 14 bits will
be noise free with a DC input, but that the 15th and 16th
least significant bits (LSB) will flicker.
Table 4. ADC Range and Resolution
MODE
FULL RANGE1
SPECIFIED
RANGE
PRECISION
RANGE2
LSB
FORMAT
MAX NOISE
NOISE FREE
RESOLUTION3
27kHz (fast)
–0.8192V to
5.7344V
0V to 5V
0.5V to 4.5V
100µV
Unsigned 16 Bits
±4mVP-P
10 Bits
14kHz
±1mVP-P
12 Bits
7kHz (normal)
±250µVP-P
14 Bits
3kHz
±150µVP-P
14 Bits
2kHz
±100µVP-P
15 Bits
1kHz
±100µVP-P
15 Bits
422Hz
±100µVP-P
15 Bits
26Hz (filtered)
±50µVP-P
16 Bits
1. Negative readings are rounded to 0V.
2. PRECISION RANGE is the range over which the noise is less than MAX NOISE.
3. NOISE FREE RESOLUTION is a measure of the noise level within the PRECISION RANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com