Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6820
Description  12-Cell Battery Stack Monitors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 17Page - Analog Devices LTC6820 Datasheet HTML 18Page - Analog Devices LTC6820 Datasheet HTML 19Page - Analog Devices LTC6820 Datasheet HTML 20Page - Analog Devices LTC6820 Datasheet HTML 21Page - Analog Devices LTC6820 Datasheet HTML 22Page - Analog Devices LTC6820 Datasheet HTML 23Page - Analog Devices LTC6820 Datasheet HTML 24Page - Analog Devices LTC6820 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
LTC6811-1/LTC6811-2
21
Rev. C
For more information www.analog.com
OPERATION
EXTENDED BALANCING State
The watchdog timer has timed out, but the discharge
timer has not yet timed out (DTEN = 1). Discharge by
PWM may be in progress. If a WAKEUP signal is received,
the LTC6811 will transition from EXTENDED BALANCING
state to STANDBY state.
isoSPI STATE DESCRIPTIONS
Note: The LTC6811-1 has two isoSPI ports (A and B), for
daisy-chain communication. The LTC6811-2 has only one
isoSPI port (A), for parallel-addressable communication.
IDLE State
The isoSPI ports are powered down.
When isoSPI Port A receives a WAKEUP signal (see Wak-
ing Up the Serial Interface), the isoSPI enters the READY
state. This transition happens quickly (within tREADY) if
the Core is in the STANDBY state because the DRIVE and
VREG pins are already biased up. If the Core is in the SLEEP
state when the isoSPI receives a WAKEUP signal, the part
transitions to the READY state within tWAKE.
READY State
The isoSPI port(s) are ready for communication. Port B
is enabled only for LTC6811-1, and is not present on the
LTC6811-2.Theserialinterfacecurrentinthisstatedepends
on if the part is LTC6811-1 or LTC6811-2, the status of the
ISOMD pin and RBIAS = RB1 + RB2 (the external resistors
tied to the IBIAS pin).
If there is no activity (i.e. no WAKEUP signal) on Port
A for greater than tIDLE  =  5.5ms, the LTC6811 goes to
the IDLE state. When the serial interface is transmitting
or receiving data the LTC6811 goes to the ACTIVE state.
ACTIVE State
TheLTC6811istransmitting/receivingdatausingoneorbothof
the isoSPI ports. The serial interface consumes maximum
power in this state. The supply current increases with
clock frequency as the density of isoSPI pulses increases.
POWER CONSUMPTION
The LTC6811 is powered via two pins: V+ and VREG. The
V+ input requires voltage greater than or equal to the
top cell voltage minus 0.3V, and it provides power to
the high voltage elements of the core circuitry. The VREG
input requires 5V and provides power to the remaining
core circuitry and the isoSPI circuitry. The VREG input can
be powered through an external transistor, driven by the
regulated DRIVE output pin. Alternatively, VREG can be
powered by an external supply.
Thepowerconsumptionvariesaccordingtotheoperational
states.Table 1andTable 2provideequationstoapproximate
the supply pin currents in each state. The V+ pin current
depends only on the Core state. However, the VREG pin
current depends on both the Core state and isoSPI state,
and can therefore be divided into two components. The
isoSPI interface draws current only from the VREG pin.
IREG = IREG(Core) + IREG(isoSPI)
Table 1. Core Supply Current
STATE
IVP
IREG(CORE)
SLEEP
VREG = 0V
4.1µA
0µA
VREG = 5V
1.9µA
2.2µA
STANDBY
13µA
40µA
REFUP
550µA
450µA
MEASURE
550µA
11.5mA
In the SLEEP state the VREG pin will draw approximately
2.2µA if powered by an external supply. Otherwise, the V+
pin will supply the necessary current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com