Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6820
Description  12-Cell Battery Stack Monitors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 16Page - Analog Devices LTC6820 Datasheet HTML 17Page - Analog Devices LTC6820 Datasheet HTML 18Page - Analog Devices LTC6820 Datasheet HTML 19Page - Analog Devices LTC6820 Datasheet HTML 20Page - Analog Devices LTC6820 Datasheet HTML 21Page - Analog Devices LTC6820 Datasheet HTML 22Page - Analog Devices LTC6820 Datasheet HTML 23Page - Analog Devices LTC6820 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
LTC6811-1/LTC6811-2
20
Rev. C
For more information www.analog.com
OPERATION
STATE DIAGRAM
The operation of the LTC6811 is divided into two separate
sections: the Core circuit and the isoSPI circuit. Both sec-
tions have an independent set of operating states, as well
as a shutdown timeout.
CORE LTC6811 STATE DESCRIPTIONS
SLEEP State
The references and ADCs are powered down. The watch-
dog timer (see Watchdog and Discharge Timer) has timed
out. The discharge timer is either disabled or timed out.
The supply currents are reduced to minimum levels. The
isoSPI ports will be in the IDLE state. The Drive pin is 0V.
All state machines are reset to their default states.
If a WAKEUP signal is received (see Waking Up the Serial
Interface), the LTC6811 will enter the STANDBY state.
STANDBY State
The references and the ADCs are off. The watchdog timer
and/or the discharge timer is running. The DRIVE pin
powers the VREG pin to 5V through an external transistor.
(Alternatively,VREGcanbepoweredbyanexternalsupply).
When a valid ADC command is received or the REFON bit is
set to 1 in the Configuration Register Group, the IC pauses
for tREFUP to allow for the references to power up and then
enters either the REFUP or MEASURE state. Otherwise, if
no valid commands are received for tSLEEP, the IC returns
to the SLEEP state if DTEN = 0 or enters the EXTENDED
BALANCING state if DTEN = 1.
REFUP State
To reach this state the REFON bit in the Configuration
Register Group must be set to 1 (using the WRCFGA
command, see Table 38). The ADCs are off. The references
are powered up so that the LTC6811 can initiate ADC
conversions more quickly than from the STANDBY state.
When a valid ADC command is received, the IC goes to
the MEASURE state to begin the conversion. Otherwise,
the LTC6811 will return to the STANDBY state when the
REFON bit is set to 0 (using WRCFGA command). If no
valid commands are received for tSLEEP, the IC returns
to the SLEEP state if DTEN = 0 or enters the EXTENDED
BALANCING state if DTEN = 1.
MEASURE State
The LTC6811 performs ADC conversions in this state. The
references and ADCs are powered up.
After ADC conversions are complete, the LTC6811 will
transition to either the REFUP or STANDBY state, depend-
ing on the REFON bit. Additional ADC conversions can
be initiated more quickly by setting REFON = 1 to take
advantage of the REFUP state.
Note: Non-ADC commands do not cause a Core state tran-
sition. Only an ADC conversion or diagnostic commands
will place the Core in the MEASURE state.
68111 F01
isoSPI PORT
CORE LTC6811
CONV DONE
(REFON = 1)
CONV DONE
(REFON = 0)
ADC
COMMAND
WAKEUP
SIGNAL
(tWAKE)
ADC
COMM
(tREFUP)
REFON = 1
(tREFUP)
WAKEUP SIGNAL
(CORE = STANDBY)
(tREADY)
WAKEUP SIGNAL
(CORE = SLEEP)
(tWAKE)
TRANSMIT/RECEIVE
NOTE: STATE TRANSITION
DELAYS DENOTED BY (tX)
NO ACTIVITY ON
isoSPI PORT
IDLE TIMEOUT
(tIDLE)
REFON = 0
WAKEUP SIGNAL
(tWAKE)
DCTO REACHES 0
WD TIMEOUT
AND DTEN=0
(tSLEEP)
WD TIMEOUT
AND DTEN=1
WD TIMEOUT
AND DTEN=1
WD TIMEOUT
AND DTEN=0
(tSLEEP)
STANDBY
REFUP
EXTENDED
BALANCING
MEASURE
SLEEP
ACTIVE
READY
IDLE
Figure 1. LTC6811 Operation State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com