Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 69 Page - Analog Devices

Part # LTC6820
Description  12-Cell Battery Stack Monitors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 69 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 65Page - Analog Devices LTC6820 Datasheet HTML 66Page - Analog Devices LTC6820 Datasheet HTML 67Page - Analog Devices LTC6820 Datasheet HTML 68Page - Analog Devices LTC6820 Datasheet HTML 69Page - Analog Devices LTC6820 Datasheet HTML 70Page - Analog Devices LTC6820 Datasheet HTML 71Page - Analog Devices LTC6820 Datasheet HTML 72Page - Analog Devices LTC6820 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
LTC6811-1/LTC6811-2
69
Rev. C
For more information www.analog.com
voltage for the V+ pin. The circuit still uses the DRIVE
pin to generate VREG. This circuit minimizes the system
imbalance from the LTC6811 since the supply current
will only be drawn from the batteries during shutdown. It
is critical to add a diode between the top monitored cell
and V+ so that supply current will not conduct through
parasitic paths inside the IC during shutdown.
INTERNAL PROTECTION AND FILTERING
Internal Protection Features
The LTC6811 incorporates various ESD safeguards to
ensure robust performance. An equivalent circuit showing
the specific protection structures is shown in Figure 37.
While pins 43 to 48 have different functionality for the
–1 and –2 variants, the protection structure is the same.
Zener-likesuppressorsareshownwiththeirnominalclamp
voltage, while the unmarked diodes exhibit standard PN
junction behavior.
Filtering of Cell and GPIO Inputs
The LTC6811 uses a delta-sigma ADC, which includes a
delta-sigma modulator followed by a SINC3 finite impulse
response (FIR) digital filter. This greatly relaxes input
filtering requirements. Furthermore, the programmable
oversampling ratio allows the user to determine the best
trade-off between measurement speed and filter cutoff
frequency. Even with this high order low pass filter, fast
transientnoisecanstillinducesomeresidualnoiseinmea-
surements,especiallyinthefasterconversionmodes.This
can be minimized by adding an RC low pass decoupling to
eachADCinput,whichalsohelpsrejectpotentiallydamag-
ing high energy transients. Adding more than about 100Ω
to the ADC inputs begins to introduce a systematic error
in the measurement, which can be improved by raising
the filter capacitance or mathematically compensating in
software with a calibration procedure. For situations that
demand the highest level of battery voltage ripple rejec-
tion, grounded capacitor filtering is recommended. This
configuration has a series resistance and capacitors that
decouple HF noise to V–. In systems where noise is less
APPLICATIONS INFORMATION
C12
S12
C11
S11
C10
S10
C9
S9
C8
S8
C7
S7
C6
S6
C5
S5
C4
S4
C3
S3
C2
S2
C1
S1
C0
V–
V–
IPB
IMB
ICMP
IBIAS
SDO (NC)
SDI (NC)
SCK (IPA)
CSB (IMA)
ISOMD
WDT
DRIVE
VREG
DTEN
VREF1
VREF2
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
68111 F37
V+
LTC6811
96V
24V
24V
24V
24V
30
1
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
29
28
27
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
31
30
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
12V
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
1k
NOTE: NOT SHOWN ARE PN DIODES TO ALL OTHER PINS FROM PIN 35
Figure 37. Internal ESD Protection Structures of the LTC6811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com