Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC6820
Description  12-Cell Battery Stack Monitors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 38Page - Analog Devices LTC6820 Datasheet HTML 39Page - Analog Devices LTC6820 Datasheet HTML 40Page - Analog Devices LTC6820 Datasheet HTML 41Page - Analog Devices LTC6820 Datasheet HTML 42Page - Analog Devices LTC6820 Datasheet HTML 43Page - Analog Devices LTC6820 Datasheet HTML 44Page - Analog Devices LTC6820 Datasheet HTML 45Page - Analog Devices LTC6820 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
LTC6811-1/LTC6811-2
42
Rev. C
For more information www.analog.com
OPERATION
Timing Specifications of I2C and SPI Master
The timing of the LTC6811 I2C or SPI master will be
controlled by the timing of the communication at the
LTC6811’s primary SPI interface. Table  22 shows the
I2C master timing relationship to the primary SPI clock.
Table 23 shows the SPI master timing specifications.
Table 22. I2C Master Timing
I2C MASTER
PARAMETER
TIMING RELATIONSHIP
TO PRIMARY SPI
INTERFACE
TIMING
SPECIFICATIONS
AT tCLK = 1µs
SCL Clock Frequency
1/(2 • tCLK)
Max 500kHz
tHD;STA
t3
Min 200ns
tLOW
tCLK
Min 1µs
tHIGH
tCLK
Min 1µs
tSU;STA
tCLK + t4*
Min 1.03µs
tHD;DAT
t4*
Min 30ns
tSU;DAT
t3
Min 200ns
tSU;STO
tCLK + t4*
Min 1.03µs
tBUF
3 • tCLK
Min 3µs
* Note: When using isoSPI, t4 is generated internally and is a minimum of
30ns. Also, t3 = tCLK – t4. When using SPI, t3 and t4 are the low and high
times of the SCK input, each with a specified minimum of 200ns.
SDIOM (GPIO4)
68111 F14
SCKM (GPIO5)
CSBM HIGH/NO TRANSMIT
CSBM (GPIO3)
SDIOM (GPIO4)
SCKM (GPIO5)
CSBM (GPIO3)
CSBM LOW
CSBM LOW ≥ HIGH
SDIOM (GPIO4)
SCKM (GPIO5)
CSBM (GPIO3)
CSBM HIGH ≥ LOW
CSBM LOW
(SCK)
tCLK
t4
t3
Figure 14. STCOMM Timing Diagram for a SPI Master
Table 23. SPI Master Timing
SPI MASTER
PARAMETER
TIMING RELATIONSHIP
TO PRIMARY SPI
INTERFACE
TIMING
SPECIFICATIONS
AT tCLK = 1µs
SDIOM Valid to SCKM Rising
Setup
t3
Min 200ns
SDIOM Valid from SCKM
Rising Hold
tCLK + t4*
Min 1.03µs
SCKM Low
tCLK
Min 1µs
SCKM High
tCLK
Min 1µs
SCKM Period (SCKM_Low +
SCKM_High)
2 • tCLK
Min 2µs
CSBM Pulse Width
3 • tCLK
Min 3µs
SCKM Rising to CSBM
Rising
5 • tCLK + t4*
Min 5.03µs
CSBM Falling to SCKM
Falling
t3
Min 200ns
CSBM Falling to SCKM
Rising
tCLK + t3
Min 1.2µs
SCKM Falling to SDIOM Valid
Master requires < tCLK
* Note: When using isoSPI, t4 is generated internally and is a minimum of
30ns. Also, t3 = tCLK – t4. When using SPI, t3 and t4 are the low and high
times of the SCK input, each with a specified minimum of 200ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com