Electronic Components Datasheet Search
  English  ▼

X  

LTC6820 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6820
Description  12-Cell Battery Stack Monitors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6820 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6820 Datasheet HTML 9Page - Analog Devices LTC6820 Datasheet HTML 10Page - Analog Devices LTC6820 Datasheet HTML 11Page - Analog Devices LTC6820 Datasheet HTML 12Page - Analog Devices LTC6820 Datasheet HTML 13Page - Analog Devices LTC6820 Datasheet HTML 14Page - Analog Devices LTC6820 Datasheet HTML 15Page - Analog Devices LTC6820 Datasheet HTML 16Page - Analog Devices LTC6820 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
LTC6811-1/LTC6811-2
13
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VREF2 vs Temperature
VREF2 VREG Line Regulation
VREF2 V+ Line Regulation
VREF2 Load Regulation
VREF2 Long-Term Drift
VREF2 Hysteresis, Hot
VREF2 Hysteresis, Cold
VREF2 Change Due to IR Reflow
VDRIVE vs Temperature
5 TYPICAL UNITS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.995
2.996
2.997
2.998
2.999
3.000
3.001
3.002
3.003
3.004
3.005
68111 G28
IL = 0.6mA
125°C
85°C
25°C
–40°C
VREG (V)
4.5
4.75
5
5.25
5.5
–200
–130
–60
10
80
150
68111 G29
VREG GENERATED FROM
DRIVE PIN, FIGURE 28
125°C
85°C
25°C
–40°C
V+ (V)
5
15
25
35
45
55
65
75
–100
–80
–60
–40
–20
0
20
40
60
80
100
68111 G30
V+ = 39.6V
VREG = 5V
125°C
85°C
25°C
–40°C
IOUT (mA)
0.01
0.1
1
10
–1000
–800
–600
–400
–200
0
200
68111 G31
8 TYPICAL PARTS
TIME (HOURS)
0
500
1000
1500
2000
2500
–100
–80
–60
–40
–20
0
20
40
60
80
100
68111 G32
TA = 85°C TO 25°C
CHANGE IN VREF2 (ppm)
–50 –25
0
25
50
75
100 125
0
5
10
15
20
25
30
68111 G33
TA = –40°C TO 25°C
CHANGE IN VREF2 (ppm)
–75 –50 –25
0
25
50
75
100
0
10
20
30
40
50
60
70
68111 G34
CHANGE IN VREF2 (ppm)
–175 –125
–75
–25
25
75
125
0
1
2
3
4
5
68111 G35
5 TYPICAL UNITS
NO LOAD
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
5.2
5.3
5.4
5.5
5.6
5.7
5.8
68111 G36
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com