Electronic Components Datasheet Search
  English  ▼

X  

CS43131 Datasheet(PDF) 107 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 107 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 103Page - Cirrus Logic CS43131 Datasheet HTML 104Page - Cirrus Logic CS43131 Datasheet HTML 105Page - Cirrus Logic CS43131 Datasheet HTML 106Page - Cirrus Logic CS43131 Datasheet HTML 107Page - Cirrus Logic CS43131 Datasheet HTML 108Page - Cirrus Logic CS43131 Datasheet HTML 109Page - Cirrus Logic CS43131 Datasheet HTML 110Page - Cirrus Logic CS43131 Datasheet HTML 111Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 156 page
background image
DS1155F1
107
CS43131
6.3 ASP and XSP Registers
6.3 ASP and XSP Registers
0x03 0005 PLL Setting 5
PLL_DIV_INT
p. 116
0
100000
0
0x03 0006–
0x03 0007
Reserved
—
0
000000
0
0x03 0008 PLL Setting 6
PLL_OUT_DIV
p. 117
0
001000
0
0x03 0009 Reserved
—
0
000000
0
0x03 000A PLL Setting 7
PLL_CAL_RATIO
p. 117
1
000000
0
0x03 000B–
0x03 001A
Reserved
—
0
000000
0
0x03 001B PLL Setting 8
—
—
—
PLL_MODE
—
p. 117
0
000001
1
0x03 001C–
0x04 0001
Reserved
—
0
000000
0
Address
Function
7
654321
0
0x04 0002 PLL Setting 9
—
PLL_REF_PREDIV
p. 117
0
000001
0
0x04 0003 Reserved
—
0
000000
0
0x04 0004 CLKOUT Control
—
CLKOUT_DIV
CLKOUT_SEL
p. 118
0
000000
0
0x04 0005–
0x04 000F
Reserved
—
0
000000
0
0x04 0010 ASP Numerator 1
ASP_N_LSB
p. 118
0
000000
1
0x04 0011 ASP Numerator 2
ASP_N_MSB
p. 118
0
000000
0
0x04 0012 ASP Denominator 1
ASP_M_LSB
p. 118
0
000100
0
0x04 0013 ASP Denominator 2
ASP_M_MSB
p. 119
0
000000
0
0x04 0014 ASP LRCK High Time
1
ASP_LCHI_LSB
p. 119
0
001111
1
0x04 0015 ASP LRCK High Time
2
ASP_LCHI_MSB
p. 119
0
000000
0
0x04 0016 ASP LRCK Period 1
ASP_LCPR_LSB
p. 119
0
011111
1
0x04 0017 ASP LRCK Period 2
ASP_LCPR_MSB
p. 119
0
000000
0
0x04 0018 ASP Clock
Configuration
—
ASP_M/SB
ASP_SCPOL_
OUT
ASP_SCPOL_
IN
ASP_LCPOL_
OUT
ASP_LCPOL_
IN
p. 120
0
000110
0
0x04 0019 ASP Frame
Configuration
—
ASP_STP
ASP_5050
ASP_FSD
p. 120
0
000101
0
0x04 001A–
0x04 001F
Reserved
—
0
000000
0
0x04 0020 XSP Numerator 1
XSP_N_LSB
p. 120
0
000000
1
0x04 0021 XSP Numerator 2
XSP_N_MSB
p. 121
0
000000
0
0x04 0022 XSP Denominator 1
XSP_M_LSB
p. 121
0
000001
0
0x04 0023 XSP Denominator 2
XSP_M_MSB
p. 121
0
000000
0
0x04 0024 XSP LRCK High Time
1
XSP_LCHI_LSB
p. 121
0
001111
1
0x04 0025 XSP LRCK High Time
2
XSP_LCHI_MSB
p. 121
0
000000
0
Address
Function
7
654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com