Electronic Components Datasheet Search
  English  ▼

X  

CS43131 Datasheet(PDF) 108 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 108 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 104Page - Cirrus Logic CS43131 Datasheet HTML 105Page - Cirrus Logic CS43131 Datasheet HTML 106Page - Cirrus Logic CS43131 Datasheet HTML 107Page - Cirrus Logic CS43131 Datasheet HTML 108Page - Cirrus Logic CS43131 Datasheet HTML 109Page - Cirrus Logic CS43131 Datasheet HTML 110Page - Cirrus Logic CS43131 Datasheet HTML 111Page - Cirrus Logic CS43131 Datasheet HTML 112Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 156 page
background image
108
DS1155F1
CS43131
6.4 DSD Registers
6.4 DSD Registers
0x04 0026 XSP LRCK Period 1
XSP_LCPR_LSB
p. 122
0
011111
1
0x04 0027 XSP LRCK Period 2
XSP_LCPR_MSB
p. 122
0
000000
0
0x04 0028 XSP Clock
Configuration
—
XSP_M/SB
XSP_SCPOL_
OUT
XSP_SCPOL_
IN
XSP_LCPOL_
OUT
XSP_LCPOL_
IN
p. 122
0
000110
0
0x04 0029 XSP Frame
Configuration
—
XSP_STP
XSP_5050
XSP_FSD
p. 122
0
000101
0
0x04 002A–
0x04 FFFF
Reserved
—
0
000000
0
0x05 0000 ASP Channel 1
Location
ASP_RX_CH1
p. 123
0
000000
0
0x05 0001 ASP Channel 2
Location
ASP_RX_CH2
p. 123
0
000000
0
0x05 0002–
0x05 0009
Reserved
—
0
000000
0
0x05 000A ASP Channel 1 Size
and Enable
—
ASP_RX_
CH1_AP
ASP_RX_
CH1_EN
ASP_RX_CH1_RES
p. 123
0
000011
0
0x05 000B ASP Channel 2 Size
and Enable
—
ASP_RX_
CH2_AP
ASP_RX_
CH2_EN
ASP_RX_CH2_RES
p. 123
0
000111
0
0x05 000C–
0x05 FFFF
Reserved
—
0
000000
0
Address
Function
7
654321
0
0x06 0000 XSP Channel 1
Location
XSP_RX_CH1
p. 124
0
000000
0
0x06 0001 XSP Channel 2
Location
XSP_RX_CH2
p. 124
0
000000
0
0x06 0002–
0x06 0009
Reserved
—
0
000000
0
0x06 000A XSP Channel 1 Size
and Enable
—
XSP_RX_
CH1_AP
XSP_RX_
CH1_EN
XSP_RX_CH1_RES
p. 124
0
000011
0
0x06 000B XSP Channel 2 Size
and Enable
—
XSP_RX_
CH2_AP
XSP_RX_
CH2_EN
XSP_RX_CH2_RES
p. 124
0
000111
0
0x06 000C–
0x06 FFFF
Reserved
—
0
000000
0
0x07 0000 DSD Volume B
DSD_VOLUME_B
p. 124
0
111100
0
0x07 0001 DSD Volume A
DSD_VOLUME_A
p. 125
0
111100
0
0x07 0002 DSD Processor Path
Signal Control 1
DSD_RAMP_
UP
DSD_VOL_
BEQA
DSD_SZC
—
DSD_AMUTE DSD_AMUTE_
BEQA
DSD_MUTE_A DSD_MUTE_B
p. 125
1
010100
0
0x07 0003 DSD Interface
Configuration
—
—
—
DSD_M_SB
DSD_PM_EN DSD_PM_SEL
p. 125
0
000000
0
0x07 0004 DSD Processor Path
Signal Control 2
—
DSD_PRC_SRC
DSD_EN
DSD_SPEED
STA_DSD_
DET
INV_DSD_
DET
p. 126
0
000001
0
0x07 0005 DSD and PCM Mixing
Control
—MIX_PCM_
PREP
MIX_PCM_
DSD
p. 126
0
000000
0
0x07 0006 DSD Processor Path
Signal Control 3
DSD_ZERODB DSD_HPF_EN
—
SIGCTL_
DSDEQPCM
DSD_INV_A
DSD_INV_B
DSD_SWAP_
CHAN
DSD_COPY_
CHAN
p. 126
0
100000
0
0x07 0007–
0x07 FFFF
Reserved
—
0
000000
0
Address
Function
7
654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com