Electronic Components Datasheet Search
  English  ▼

X  

SRK1001 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SRK1001
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SRK1001 Datasheet HTML 2Page - STMicroelectronics SRK1001 Datasheet HTML 3Page - STMicroelectronics SRK1001 Datasheet HTML 4Page - STMicroelectronics SRK1001 Datasheet HTML 5Page - STMicroelectronics SRK1001 Datasheet HTML 6Page - STMicroelectronics SRK1001 Datasheet HTML 7Page - STMicroelectronics SRK1001 Datasheet HTML 8Page - STMicroelectronics SRK1001 Datasheet HTML 9Page - STMicroelectronics SRK1001 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
4
Electrical characteristics
Tj = -25°C to 125°C, VCC = 12 V, CGD = 4.7 nF; unless otherwise specified, typical values refer to Tj = 25°C
Table 4. Electrical characteristics
Symbol
Parameter
Test Condition
Min. Typ. Max. Unit
Supply section
VAUX
VAUX pin operating voltage
185
V
VCC
Operating voltage range
After turn-on
3.7
32
V
VCC_On
Turn-on supply voltage
Voltage rising (1)
4.18 4.3
4.42
V
VCC_SO_On
Turn-on supply voltage for AUX switch
activation
Voltage falling (1)
3.7 3.95 4.15
V
VCC_Off
Turn-off supply voltage
Voltage falling (1)
3.3
3.5
3.7
V
VCC_AGD_en
VCC voltage above which adaptive drive is
enabled
On VCC rising edge (2)
7.4
V
VCC_AGD_dis
VCC voltage below which adaptive drive is
disabled
On VCC falling edge (2)
6.5
V
Iq_run
Current consumption in run mode
After turn-on (excluding SR MOS
gate driving) @ 100 kHz
600
µA
ICC
Operating supply current
@ 300 kHz
17
mA
Iq
Quiescent Current
Low consumption mode operation,
with DVS pin not switching (3), Tj =
-25°C to 85°C
170
225
µA
Ron
VAUX switch resistance
(2)
40
Ω
IDSAT_VAUX
VAUX pin saturation current
125
mA
Drain-source sensing input and synch function
VDS_H
DVS operating voltage
185
V
VTH_A
Cycle comparator threshold
70
100
130
mV
VZCD_OFF_MIN Minimum ZCD comparator threshold
(2)
-20
mV
Tdiode_off
Body diode residual conduction time after turn-
off
230 330
430
ns
TD_On_min
Turn-on delay
55
85
105
ns
Tant_timer
Anticipation time referred to DVS rising edge to
force turn off of SR MOSFET
DVS switching
Low level on DVS pin = -1 V
180 280
325
ns
Ttimer_step
Timer step every 4 switching cycles (in FF
operation)
With 100pF on TON pin, during
switching period increase
56
ns
TON_MAX
Max turn-on duration
45
60
80
µs
Disable pin remote on/off function
VDIS_OFF
Disable threshold
For at least 4 cycle to enter in
disable state (low consumption
mode).
Used also as SYNCH input, it
always forces a SR MOSFET turn
off when pulled high
1.9
2.1
2.3
V
SRK1001
Electrical characteristics
DS13155 - Rev 1
page 6/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com