Electronic Components Datasheet Search
  English  ▼

X  

SRK1001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SRK1001
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001 Datasheet(HTML) 1 Page - STMicroelectronics

  SRK1001 Datasheet HTML 1Page - STMicroelectronics SRK1001 Datasheet HTML 2Page - STMicroelectronics SRK1001 Datasheet HTML 3Page - STMicroelectronics SRK1001 Datasheet HTML 4Page - STMicroelectronics SRK1001 Datasheet HTML 5Page - STMicroelectronics SRK1001 Datasheet HTML 6Page - STMicroelectronics SRK1001 Datasheet HTML 7Page - STMicroelectronics SRK1001 Datasheet HTML 8Page - STMicroelectronics SRK1001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SO8 package
Features
•
Secondary side synchronous rectification controller optimized for flyback
converter
•
Suitable for QR and mixed CCM/DCM fixed frequency operation
•
Wide VCC operating voltage range 3.7 to 32 V
•
CC regulation operation down to 2V output supported
•
Very low quiescent current in low consumption mode (170 µA)
•
High-voltage sensing input for SR MOSFET drain-source voltage (185 V AMR)
•
Operating frequency up to 300 kHz
•
High-current gate-drive output for N-MOSFET
•
Fast turn-on with minimum delay time and adaptive turn-off logic
•
Programmable minimum TON and TOFF
•
Low consumption mode entry by DIS pin, by primary side burst-mode detection
or by detection of SR MOSFET conduction lower than programmed min. TON
•
SO8 package
Applications
•
AC-DC adapters
•
Battery chargers / quick chargers
•
USB power delivery (profile 4)
•
Industrial SMPS
Description
The SRK1001 controller is designed for secondary side synchronous rectification
(SR) in flyback converters, suitable for operation in QR and mixed CCM/DCM fixed
frequency circuits.
It provides a high-current gate-drive output capable of driving N-channel Power
MOSFETs.
The control scheme of this IC is such that the SR MOSFET is switched on as soon as
current starts flowing through its body diode, and then switched off as current
approaches zero.
The fast turn-on with minimum delay and innovative adaptive turn-off logic allow
maximizing the conduction time of the SR MOSFET and eliminating the effect of
parasitic inductance in the circuit.
The device enters low consumption mode when it detects primary controller burst-
mode operation, or when the DIS pin is pulled up by the user, or when the SR
MOSFET conduction falls below the programmed minimum TON. This improves the
converter efficiency at light load, where synchronous rectification is no longer
beneficial.
After the converter restarts switching or the DIS pin goes low again and the IC
detects that the current conduction in the rectifiers has increased 20% above the min
TON programmed value, the IC exits low consumption mode and resumes switching
operation.
Product status link
SRK1001
Product summary
Order code
SRK1001
Package
SO8
Packing
Tape and reel
Adaptive synchronous rectification controller for flyback converter
SRK1001
Datasheet
DS13155 - Rev 1 - November 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SRK1001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRK1000 STMICROELECTRONICS-SRK1000 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
SRK1000A STMICROELECTRONICS-SRK1000A Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
SRK1000B STMICROELECTRONICS-SRK1000B Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
SRK1000 STMICROELECTRONICS-SRK1000_V01 Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
More results

Similar Description - SRK1001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRK2001 STMICROELECTRONICS-SRK2001 Datasheet
446Kb / 22P
Adaptive synchronous rectification controller for LLC resonant converter
12-May-2015
EVLSRK1000-PF STMICROELECTRONICS-EVLSRK1000-PF Datasheet
189Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000-TO STMICROELECTRONICS-EVLSRK1000-TO Datasheet
198Kb / 4P
SRK1000 adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000A-PF STMICROELECTRONICS-EVLSRK1000A-PF Datasheet
190Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000A-TO STMICROELECTRONICS-EVLSRK1000A-TO Datasheet
200Kb / 4P
SRK1000A adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1000B-PF STMICROELECTRONICS-EVLSRK1000B-PF Datasheet
190Kb / 4P
SRK1000B adaptive synchronous rectification controller for flyback converter demonstration board with logic level SR MOSFET
19-Oct-2018
EVLSRK1000B-TO STMICROELECTRONICS-EVLSRK1000B-TO Datasheet
198Kb / 4P
SRK1000B adaptive synchronous rectification controller for flyback converter demonstration board with STF80N10F7
19-Oct-2018
EVLSRK1001-PF STMICROELECTRONICS-EVLSRK1001-PF Datasheet
272Kb / 4P
SRK1001 adaptive synchronous rectification controller for flyback converter demonstration board with SR MOSFET
30-Oct-2019
EVLSRK1001-TO STMICROELECTRONICS-EVLSRK1001-TO Datasheet
2Mb / 4P
SRK1001 adaptive synchronous rectification controller for flyback converter demonstration board with SR MOSFET
30-Oct-2019
SRK1000A STMICROELECTRONICS-SRK1000A Datasheet
1Mb / 27P
Adaptive synchronous rectification controller for flyback converter
16-Oct-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com