Electronic Components Datasheet Search
  English  ▼

X  

SRK1001 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SRK1001
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SRK1001 Datasheet HTML 15Page - STMicroelectronics SRK1001 Datasheet HTML 16Page - STMicroelectronics SRK1001 Datasheet HTML 17Page - STMicroelectronics SRK1001 Datasheet HTML 18Page - STMicroelectronics SRK1001 Datasheet HTML 19Page - STMicroelectronics SRK1001 Datasheet HTML 20Page - STMicroelectronics SRK1001 Datasheet HTML 21Page - STMicroelectronics SRK1001 Datasheet HTML 22Page - STMicroelectronics SRK1001 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
The driver voltage level VHIGH is limited by the supply voltage on VCC pin and, in any case, when VCC voltage
supply is detected lower than a threshold, the driver high-level modulation is disabled. A comparator with
hysteresis enables adaptive drive when VCC supply increases above VCC_AGD_en and disables it as VCC falls
below VCC_AGD_dis. This means that if the VCC supply is low (but higher than VCC_AGD_dis), the driver high-level
VHIGH will be the minimum between the value of above formula and a value equal to:
•
VCC supply if VAUX function is used (and VAUX pin voltage is larger than VCC - 1.2V), or
•
VCC - 1.2 V if VAUX function is not used.
The adaptive gate drive is also disabled when the circuit enters burst-mode operation. On resuming operation
from burst-mode, the gate drive always starts from the highest level and then it begins adapting the level
according to the sensed demagnetization period.
In sleep-mode, the behavior is different. When the load (after entering sleep-mode) increases and the SRK1001
controller resumes switching, the gate drive starts from the lower level and then progressively adapts with step
VGD_ad_step according to the sensed demagnetization period. The same also happens when the SRK1001 device
exits the low-consumption state by DIS-SYNC pin. Also in this case, the gate drive starts from the lower level and
then begins adapting with step VGD_ad_step according to the sensed demagnetization period.
Generally speaking, an SR MOSFET is always switched on after current starts flowing through its body diode
when the drain-source voltage is already low (equal to VF). Therefore, there is no Miller effect or switching losses
at MOSFET turn-on. This is true also at turn-off, since rectifier current after the SR MOSFET is switched off
continues flowing into the body diode. Consequently, the required gate charge the driver has to provide each
cycle for ON/OFF switching is rather lower than in case of hard switching and can be easily determined from
MOSFET datasheets in order to calculate the driver power dissipation.
SRK1001
Adaptive gate drive
DS13155 - Rev 1
page 19/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com