Electronic Components Datasheet Search
  English  ▼

X  

SRK1001 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SRK1001
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SRK1001 Datasheet HTML 3Page - STMicroelectronics SRK1001 Datasheet HTML 4Page - STMicroelectronics SRK1001 Datasheet HTML 5Page - STMicroelectronics SRK1001 Datasheet HTML 6Page - STMicroelectronics SRK1001 Datasheet HTML 7Page - STMicroelectronics SRK1001 Datasheet HTML 8Page - STMicroelectronics SRK1001 Datasheet HTML 9Page - STMicroelectronics SRK1001 Datasheet HTML 10Page - STMicroelectronics SRK1001 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Symbol
Parameter
Test Condition
Min. Typ. Max. Unit
VDIS_ON
Enable threshold
1.4
1.6
1.8
V
IDIS
Sourced current
5
µA
Tmask
Sync signal masking time after turn-on
170
ns
Tout
Time-out interval from DVS falling, after which
turn-on by sync signal is not allowed
300
ns
Tpulse
Minimum sync pulse width to trigger a turn-off
50
ns
Blanking time after turn-on programming
TON_MIN
Minimum turn-on time programmable by RTON
in the range [33 kΩ - 250 kΩ]
RTON_MIN = 33 kΩ
0.28 0.4
0.52
µs
RTON_MAX= 250 kΩ
2.1
3.0
3.9
ITON
Sourced current
In run mode
8
µA
Blanking time after turn off programming
TOFF_MIN
Blanking time after turn-off (with DVS voltage
continuously above VTH_A) programmable by
RTOFF in the range [16 kΩ - 200 kΩ]
RTOFF_MIN = 16 kΩ
0.34 0.48 0.63
µs
RTOFF_MAX= 200 kΩ
4.7
6.7
8.7
ITOFF
Sourced current
Run/Sleep Mode
10
µA
Low consumption mode
TON_sleep_in
Minimum operating current conduction time to
enter sleep-mode:
TON_sleep_in = TON_MIN + 300 ns
RTON_MIN = 33 kΩ
0.49 0.7
0.91
µs
RTON_MAX= 250 kΩ
2.31 3.3
4.29
TON_sleep_out
Restart current conduction time from sleep-
mode:
TON_sleep_out = 1.2*TON_MIN + 300 ns
RTON_MIN = 33 kΩ
0.55 0.78
1
µs
RTON_MAX= 250 kΩ
2.73 3.9
5.07
Tstop
Switching stop time interval detection to enter
low consumption mode (primary controller
burst-mode)
80
120
160
µs
Gate driver
Isource_pk
Output source peak current
See (2)
0.6
A
Isink_pk
Output sink peak current
See (2)
1
A
tr_1
Rise Time (see picture below)
VCC = 20V, CGD = 4.7 nF
45
ns
VCC = 20V, CGD = 10 nF
75
tr_2
Rise Time (see picture below)
VCC = 20V, CGD = 4.7 nF
140
ns
VCC = 20V, CGD = 10 nF
140
tf
Fall Time (see picture below)
VCC = 20V, CGD = 4.7 nF
60
ns
VCC = 20V, CGD = 10 nF
120
VGDclamp
Drive clamp voltage
VCC = 20V (4)
10.6 11.6 12.6
V
VGD_ad-step
Adaptive driving step voltage
VCC = 20V (4)
400
mV
VGDL_UVLO
UVLO saturation
VCC = 0 to VCC_On, Isink = 5 mA
1
1.3
V
1. Parameters tracking each other
2. Parameter guaranteed by design
3. Low-consumption-mode is one of the following: sleep-mode for conduction below min TON, converter burst-mode detection
or DIS pin pulled high for at least 4 cycles
4. Parameters tracking each other
SRK1001
Electrical characteristics
DS13155 - Rev 1
page 7/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com