Electronic Components Datasheet Search
  English  ▼

X  

SRK1001 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SRK1001
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SRK1001 Datasheet HTML 5Page - STMicroelectronics SRK1001 Datasheet HTML 6Page - STMicroelectronics SRK1001 Datasheet HTML 7Page - STMicroelectronics SRK1001 Datasheet HTML 8Page - STMicroelectronics SRK1001 Datasheet HTML 9Page - STMicroelectronics SRK1001 Datasheet HTML 10Page - STMicroelectronics SRK1001 Datasheet HTML 11Page - STMicroelectronics SRK1001 Datasheet HTML 12Page - STMicroelectronics SRK1001 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
5
Operation description
SRK1001 (see Figure 1. Internal block diagram) controller is specifically designed for synchronous rectification in
flyback converters operating in QR and mixed CCM/DCM fixed frequency. This IC turns on the SR MOSFET with
a minimum delay when the rectified current starts flowing through the body diode, and turns off the SR MOSFET
when current approaches zero, using an adaptive mechanism that leads the body diode residual conduction time
after turn-off to the target value Tdiode_off (refer to Table 4 for the various parameter values).
The adaptive turn-off method presents certain advantages compared to a standard approach based on a
comparator with fixed threshold.
The first advantage is that the adaptive method automatically compensates stray inductances LS in series to
rectified current path: this parasitic (mainly the SR MOSFET package inductances in series to drain and source
terminals) normally produces an offset on the sensed voltage across MOSFET RDS_ON that anticipates by TX =
LS/RDS_ON the turn-off in case of standard comparator.
The second aspect to consider is that a standard comparator with fixed threshold turns off at a current level IOFF
that depends on RDS_ON of the chosen SR MOSFET. Referring to Figure 5. Comparison between adaptive turn-
off and comparator based turn-off and considering a fixed comparator threshold VTH = -5 mV, the turn-off current
in the rectifier can be calculated.
In an application with a SR MOSFET having channel resistance RDS_ON = 2.5 mΩ and package stray inductance
LS = 2.5 nH, where the current slope is di/dt = -3 A/µs (for example starting from a peak current of 15 A with 5 µs
transformer demagnetization), the turn off current is:
•
IOFF=– VTHRDS_ON–TXdidt=5Aforcomparatorturn-off
•
IOFF_AD=−Tdiode_off*didt=0.9Aforadaptiveturn-off
Furthermore, the adaptive turn-off method also performs better in applications with CC regulation, where the
standard comparator with fixed threshold increasingly anticipates the turn-off during load impedance drops (since
current slope also decreases), while the adaptive method fixes Tdiode_off.
The SRK1001 controller starts operation when the VCC pin voltage exceeds the turn-on threshold VCC_On; then it
stops operation when the VCC voltage drops below the turn-off threshold VCC_Off.
In order to guarantee SR switching even with low VCC supply voltage (in the case of chargers operating in CC
regulation), the device is provided with the VAUX pin. When the VCC voltage decreases below the threshold
VCC_SO_On (> VCC_Off), an internal switch is turned on, allowing VCC pin capacitor to be charged up to the turn-on
threshold VCC_On by a current drawn through VAUX pin connected, for example, to the rectified SR MOSFET
drain voltage or to another auxiliary voltage of the flyback transformer.
For maximum flexibility across all kinds of applications and to overcome noise and ringing problems that may
arise after turn-on and turn-off events, the SRK1001 allows users to program the blanking time after turn-on and
after turn-off by means of two resistors connected between TON and TOFF pins to GND, respectively.
SRK1001
Operation description
DS13155 - Rev 1
page 9/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com