Electronic Components Datasheet Search
  English  ▼

X  

SRK1001 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SRK1001
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SRK1001 Datasheet HTML 7Page - STMicroelectronics SRK1001 Datasheet HTML 8Page - STMicroelectronics SRK1001 Datasheet HTML 9Page - STMicroelectronics SRK1001 Datasheet HTML 10Page - STMicroelectronics SRK1001 Datasheet HTML 11Page - STMicroelectronics SRK1001 Datasheet HTML 12Page - STMicroelectronics SRK1001 Datasheet HTML 13Page - STMicroelectronics SRK1001 Datasheet HTML 14Page - STMicroelectronics SRK1001 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
The adaptive turn-off consists of a ZCD_OFF comparator, where the DVS signal is compared to an adapting
threshold. This threshold is adapted in such a way that, at steady state, the measured residual conduction time of
SR MOSFET body diode after turn-off meets the target value Tdiode_off (as shown in Figure 6. ZCD_OFF
threshold adapting for target body diode conduction). The residual conduction time of the body diode is measured
between the falling edge of the driving signal and the rising edge of the DVS signal (first time exceeding the
arming voltage VTH_A).
Figure 6. ZCD_OFF threshold adapting for target body diode conduction
ISR
Ip
DVS
GD
body diode residual conduction measurement
VTH_A
target Tdiode_off
VZCD_OFF
adapted
ZCD_OFF
threshold
TD_On
The internal timer turns off the SR MOSFET with a fixed anticipation time Tant_timer with respect to the first rising
edge of the DVS signal. The IC has two different user timer operating modes optimized for fixed frequency mixed
CCM/DCM converters or for QR/DCM applications. The selection of the proper timer mode is performed through a
100 pF capacitor across the TON pin:
•
if capacitor is present, mixed CCM/DCM operation is assumed
•
if capacitor is not present, QR/DCM operation is assumed.
5.4.1
Fixed frequency mixed DCM/CCM operation
In fixed frequency operation, SR MOSFET turn-off is triggered by ZCD_OFF adaptive mechanism at load levels
where DCM operation occurs, while it is triggered by timer at higher loads where CCM operation occurs. The
latter consists of turning off the SR MOSFET with a fixed lead time Tant_timer with respect to the first rising edge of
the DVS signal, based on a switching period TSW estimate, (over a few previous cycles) as illustrated in Figure 7.
Turn-off by the timer may also intervene during low-to-high load transients, where the ZCD_OFF threshold is in
the adapting phase (because of the output voltage drop occurring as a consequence of the transient), preventing
undesired current inversions.
Most flyback controllers use operating frequency modulation to help optimize the EMI filter. For correct operation
of the SRK1000 timer, the maximum rate of change of modulated frequency must be limited, so the switching
period increase from the current cycle to the following cycle is much shorter than the timer anticipation Tant_timer
(14 ns maximum). In fact, the timer anticipation adaptation during the switching period increase is limited to
Ttimer_step every 4 cycles, and with a switching period increase longer than 14 ns from one cycle to the next, the
timer turn-off lead time steadily increases (increasing the body diode conduction).
SRK1001
Adaptive turn-off and TIMER
DS13155 - Rev 1
page 11/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com