Electronic Components Datasheet Search
  English  ▼

X  

SRK1001 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SRK1001
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SRK1001 Datasheet HTML 8Page - STMicroelectronics SRK1001 Datasheet HTML 9Page - STMicroelectronics SRK1001 Datasheet HTML 10Page - STMicroelectronics SRK1001 Datasheet HTML 11Page - STMicroelectronics SRK1001 Datasheet HTML 12Page - STMicroelectronics SRK1001 Datasheet HTML 13Page - STMicroelectronics SRK1001 Datasheet HTML 14Page - STMicroelectronics SRK1001 Datasheet HTML 15Page - STMicroelectronics SRK1001 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Figure 7. Timer anticipation for fixed frequency CCM operation (100pF mounted on TON pin)
ISR
Ip
DVS
GD
VTH_A
TSW
TSW – Tant_timer
Timer turn-off
anticipation
referred to
previous cycle
5.4.2
QR operation (with valley skipping)
In QR flyback applications, the circuit works at variable frequency and, after transformer demagnetization, a
resonance occurs due to primary inductance and total parasitic capacitance across primary switch. In this case, at
steady state, SR MOSFET turn-off is triggered by the ZCD_OFF adaptive mechanism.
During load transitions or during CC regulation operation in which output voltage may decrease, turn-off by the
adaptive ZCD_OFF comparator would be too late as the threshold needs to adapt to the new slope of the current
flowing into the SR MOSFET, while turn-off by internal timer prevents current inversion.
Timer for fixed frequency CCM is not suitable in QR operation, which inherently operates at variable frequency. In
this case, the timer operating mode consists of turning off the SR MOSFET with a fixed anticipation time Tant_timer
with respect to the first rising edge of the DVS signal, based on the duration of the previous demagnetization time
of transformer Tdem, as shown in Figure 8.
Looking at Figure 8, during the first two switching cycles (steady state operation), the turn-off is triggered by the
ZCD_OFF comparator. This is because the DVS signal reaches the adapted ZCD_OFF threshold before the timer
OFF event as the target diode Tdiode_off is larger than timer anticipation Tant_timer. In the third switching cycle, as a
consequence of the transient, the turn-off is instead triggered by timer, since current slope has decreased and the
ZCD_OFF threshold would be reached too late. In the following cycle (not shown in figure), the timer stabilizes the
anticipation to the duration of the demagnetization period of the third cycle.
Figure 8. Timer anticipation for QR operating circuit (no capacitor mounted on TON pin)
ISR
Ip
DVS
GD
VTH_A
Tdiode_off
Tdiode_off
Tdem
Tdem – Tant_timer
Timer OFF anticipation
Tzc
Tzc
Tzc =
Lstray
Rds_ON
Tant_timer
VZCD_OFF
adapted
ZCD_OFF
threshold
SRK1001
Adaptive turn-off and TIMER
DS13155 - Rev 1
page 12/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com