Electronic Components Datasheet Search
  English  ▼

X  

SRK1001 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SRK1001
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1001 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SRK1001 Datasheet HTML 14Page - STMicroelectronics SRK1001 Datasheet HTML 15Page - STMicroelectronics SRK1001 Datasheet HTML 16Page - STMicroelectronics SRK1001 Datasheet HTML 17Page - STMicroelectronics SRK1001 Datasheet HTML 18Page - STMicroelectronics SRK1001 Datasheet HTML 19Page - STMicroelectronics SRK1001 Datasheet HTML 20Page - STMicroelectronics SRK1001 Datasheet HTML 21Page - STMicroelectronics SRK1001 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Step 7.
Calculate the maximum power dissipation on external resistance and inside SRK1001:
Pd_Rext= Pd_AUX−PdCC*Rext
Rtot = 45.971mW−7.072mW*1.2kΩ
1.24kΩ
=37.64mW
Pd_SRK=Pd_AUX−Pd_Rext=45.971mW−37.64mW=8.33mW
The following figure shows VAUX pin operation during the various circuit phases (start-up phase, CC-CV
regulation and mains turn-off).
Figure 15. VAUX pin operation
VAUX
VCC_ON
VOUT
SO_COMP out
VCC_OFF
VCC_SO_ON
VCC
5.10
Operation in CC regulation and short circuit
During CC regulation operation in QR applications, the demagnetization time progressively increases while
reducing the load impedance and the output voltage consequently reduces. Therefore, the conduction duty cycle
of SR MOSFET driving progressively increases. The SRK1001 fixes a maximum driving pulse width level to
TON_MAX, and after this time interval has elapsed, it turns off the SR MOSFET. This means that, for the rest of the
demagnetization time after TON_MAX, the rectified current will continue flowing through the body diode.
If CC regulation is extended to short-circuit conditions (i.e., the output current is also regulated during short-circuit
and the primary controller does not enter hiccup protection), some care must be taken to avoid temperature
increase in the SR MOSFET, such as appropriate thermal design or the usage of an external schottky diode.
5.11
Adaptive gate drive
The IC is provided with a low-noise, high-current gate-drive output, capable of directly driving N-channel Power
MOSFETs.
The high-level voltage provided by the driver is in fact clamped at VGDclamp (11.6 V typ.) through accurate
circuitry. This avoids excessive voltage levels on the gate when the device is supplied with a high VCC, thus
minimizing the gate charge provided in each switching cycle.
Furthermore, the gate driver has a pull-down capability that ensures the SR MOSFET cannot be spuriously turned
on even at low VCC. In fact, the driver has a 1 V (typ.) saturation level at VCC below the turn-on threshold.
In order to optimize efficiency at low load levels (where driving losses may be relevant with respect to conduction
losses), the high-level of driver output is adapted, decreasing with decreasing demagnetization time. The adaptive
gate drive changes the driving high-level VHIGH in 16 steps of 400 mV, corresponding to 16 steps of detected
demagnetization time TD of the transformer, as described by the following relationships:
TD=300ns+TON_min*n+6
6
VHIGH=VGDclamp– 16–n*VGD_ad_step
where VGD_ad_step is the voltage step and n = 1 to 16 is the step number.
The voltage step increase or decrease is performed after the demagnetization time interval TD has been detected
longer or shorter by one step for 32 consecutive cycles..
SRK1001
Operation in CC regulation and short circuit
DS13155 - Rev 1
page 18/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com